Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDT27GK12 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SDT27GK12
Description  Thyristor-Diode Modules, Diode-Thyristor Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SDT27GK12 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SDT27GK12 Datasheet HTML 1Page - Sirectifier Semiconductors SDT27GK12 Datasheet HTML 2Page - Sirectifier Semiconductors SDT27GK12 Datasheet HTML 3Page - Sirectifier Semiconductors SDT27GK12 Datasheet HTML 4Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STD/SDT27
Thyristor-Diode Modules, Diode-Thyristor Modules
Type
STD/SDT27GK08
STD/SDT27GK12
STD/SDT27GK14
STD/SDT27GK16
STD/SDT27GK18
VRRM
VDRM
V
800
1200
1400
1600
1800
VRSM
VDSM
V
900
1300
1500
1700
1900
Dimensions in mm (1mm=0.0394")
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=TVJM
TC=85
oC; 180o sine
50
27
A
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
520
560
460
500
A
ITSM, IFSM
TVJ=45
oC
t=10ms (50Hz), sine
VR=0
t=8.3ms (60Hz), sine
TVJ=TVJM
t=10ms(50Hz), sine
VR=0
t=8.3ms(60Hz), sine
1350
1300
1050
1030
A
2s
i
2dt
(di/dt)cr
150
500
A/us
(dv/dt)cr
TVJ=TVJM;
VDR=2/3VDRM
RGK=
; method 1 (linear voltage rise)
1000
V/us
PGM
TVJ=TVJM
tp=30us
IT=ITAVM
tp=300us
10
5
W
PGAV
0.5
W
ITRMS, IFRMS
ITAVM, IFAVM
oC
TVJ
TVJM
Tstg
-40...+125
125
-40...+125
VISOL
50/60Hz, RMS
t=1min
IISOL<1mA
t=1s
3000
3600
V~
Md
Mounting torque (M5)
Terminal connection torque (M5)
_
2.5-4.0/22-35
2.5-4.0/22-35
Nm/lb.in.
Weight
90
g
TVJ=TVJM
repetitive, IT=45A
f=50Hz, tp=200us
VD=2/3VDRM
IG=0.45A
non repetitive, IT=ITAVM
diG/dt=0.45A/us
VRGM
10
V
Typical including screws


Similar Part No. - SDT27GK12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
SDT27GK12 SIRECT-SDT27GK12 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results

Similar Description - SDT27GK12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT18 SIRECT-SDT18 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
SDT116 SIRECT-SDT116 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com