Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58LW064B Datasheet(PDF) 26 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 22Page - STMicroelectronics M58LW064B Datasheet HTML 23Page - STMicroelectronics M58LW064B Datasheet HTML 24Page - STMicroelectronics M58LW064B Datasheet HTML 25Page - STMicroelectronics M58LW064B Datasheet HTML 26Page - STMicroelectronics M58LW064B Datasheet HTML 27Page - STMicroelectronics M58LW064B Datasheet HTML 28Page - STMicroelectronics M58LW064B Datasheet HTML 29Page - STMicroelectronics M58LW064B Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
M58LW064A, M58LW064B
26/53
Table 18. Block Status Register (see also, Table 6 and 7 in the datasheet)
Note: 1. BA specifies the block address location, i-e, A22-A17.
2. Not Supported.
Table 19. Extended Query information
Note: 1. Bit7 to bit4 are coded in Hexadecimal and scaled in Volt while bit3 to bit0 are in Binary Code Decimal and scaled in mV.
2. Not supported.
Address
A22-A2
Data (Hex) x32 organization
Selected Block Information
(BA+3)h(1)
bit0
0
Block Unlocked
1
Block Locked
bit1
0
Last erase operation ended successfully (2)
1
Last erase operation not ended successfully (2)
bit7-2
0
Reserved for future features
M58LW064B - x32
M58LW064A - x16
M58LW064B -
x16 organization
Instruction
Address
offset
Address
A22-A2
Data (Hex)
x32 organization
Address
A22-A1
Data
(P)h
31h
50h
”P”
62h, 63h
50h
Query ASCII string - Extended Table
(P+1)h
32h
52h
”R”
64h, 65h
52h
(P+2)h
33h
49h
”Y”
66h, 67h
49h
(P+3)h
34h
31h
68h, 69h
31h
Major version number
(P+4)h
35h
31h
6Ah, 6Bh
31h
Minor version number
(P+5)h
36h
0Eh
6Ch, 6Dh
0Eh
Optional Feature: (1=yes, 0=no)
bit0, Chip Erase Supported (0=no)
bit1, Suspend Erase Supported (1=yes)
bit2, Suspend Program Supported (1=yes)
bit3, Lock/Unlock Supported (1=yes)
bit4, Queue Erase Supported (0=no)
Bit 31-5 reserved for future use
(P+6)h
37h
00h
6Eh, 6Fh
00h
Optional Features
(P+7)h
38h
00h
70h, 71h
00h
(P+8)h
39h
00h
72h, 73h
00h
(P+9)h
3Ah
01h
74h, 75h
00h
Function allowed after Suspend:
Program allowed after Erase Suspend (1=yes)
Bit 7-1 reserved for future use
(P+A)h
3Bh
00h (2)
76h, 77h
00h (2)
Block Status Register Mask
(P+C)h
3Ch
33h
78h, 79h
33h
VCC OPTIMUM Program/Erase voltage conditions
(P+D)h
3Dh
50h
7Ah, 7Bh
50h
VPP OPTIMUM Program/Erase voltage conditions
(P+E)h
3Eh
00h
7Ch, 7Dh
00h
Reserved for future use
(P+F)h
3Fh
00h
7Dh, 7Fh
00h
Reserved for future use


Similar Part No. - M58LW064B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1 STMICROELECTRONICS-M58LW064D110N1 Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1E STMICROELECTRONICS-M58LW064D110N1E Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
More results

Similar Description - M58LW064B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
logo
STMicroelectronics
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M28W640FST STMICROELECTRONICS-M28W640FST Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com