Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58LW064A Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58LW064A
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58LW064A Datasheet HTML 25Page - STMicroelectronics M58LW064A Datasheet HTML 26Page - STMicroelectronics M58LW064A Datasheet HTML 27Page - STMicroelectronics M58LW064A Datasheet HTML 28Page - STMicroelectronics M58LW064A Datasheet HTML 29Page - STMicroelectronics M58LW064A Datasheet HTML 30Page - STMicroelectronics M58LW064A Datasheet HTML 31Page - STMicroelectronics M58LW064A Datasheet HTML 32Page - STMicroelectronics M58LW064A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29/53
M58LW064A, M58LW064B
Table 23. Asynchronous Random Read
(TA = 0 to 70°C, –40 to 85°C, VDD = 2.7V to 3.6V, VDDQ = 1.8V to VDD)
Note: 1. Output Enable G may be delayed up to tELQV -tGLQV after the falling edge of Chip Enable E without increasing tELQV.
Symbol
Parameter
Test Condi tion
Min
Max
Unit
tAVAV
Address Valid to Address Valid
E=VIL,G = VIL
150
ns
tAVQV
Addrss Valid to Output Valid
E=VIL,G = VIL
150
ns
tAXQX
Address Transition to Output Transition
E=VIL,G = VIL
0ns
tEHLX
Chip Enable High to Latch Enable Transition
0
ns
tEHQX
Chip Enable High to Output Transition
G = VIL
0ns
tEHQZ
Chip Enable High to Output Hi-Z
G= VIL
10
ns
tELQV
(1)
Chip Enable Low to Output Valid
G= VIL
150
ns
tELQX
Chip Enable Low to Output Transition
G= VIL
0ns
tGHQX
Output Enable High to Output Transition
E= VIL
0ns
tGHQZ
Output Enable High to Output Hi-Z
E= VIL
10
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
50
ns
tGLQX
Output Enable to Output Transition
E= VIL
0ns
tLLEL
Latch Enable Low to Chip Enable Low
10
ns
Figure 9. Asynchronous Random Read AC Waveforms
Asynchronous Read (M15 = 1), Random (M3 = 0)
AI03250
E
G
L
A1-A22
(1)
DQ0-DQx
(2)
VALID
tLLEL
tAXQX
tELQV
tELQX
tAVQV
tGLQX
tGLQV
tEHQZ
tEHQX
tEHLX
tGHQX
tGHQZ
See also Page Read
(1)
A1 is not used (Don’t Care) in x32 organization
(2)
DQ0-DQ15 in x16 or DQ0-DQ31 in x32 organization
OUTPUT


Similar Part No. - M58LW064A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
349Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
September 2004
M58LW064D STMICROELECTRONICS-M58LW064D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1 STMICROELECTRONICS-M58LW064D110N1 Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW064D110N1E STMICROELECTRONICS-M58LW064D110N1E Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
More results

Similar Description - M58LW064A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M28W640ECT STMICROELECTRONICS-M28W640ECT Datasheet
838Kb / 55P
   64 Mbit 4Mb x16, Boot Block 3V Supply Flash Memory
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
logo
STMicroelectronics
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M28W640FCB STMICROELECTRONICS-M28W640FCB Datasheet
1Mb / 55P
   64 Mbit (4Mb x16, Boot Block) 3V Supply Flash Memory
M28W640FST STMICROELECTRONICS-M28W640FST Datasheet
1,020Kb / 55P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com