Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58LV064B Datasheet(PDF) 8 Page - STMicroelectronics

Part # M58LV064B
Description  64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LV064B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M58LV064B Datasheet HTML 4Page - STMicroelectronics M58LV064B Datasheet HTML 5Page - STMicroelectronics M58LV064B Datasheet HTML 6Page - STMicroelectronics M58LV064B Datasheet HTML 7Page - STMicroelectronics M58LV064B Datasheet HTML 8Page - STMicroelectronics M58LV064B Datasheet HTML 9Page - STMicroelectronics M58LV064B Datasheet HTML 10Page - STMicroelectronics M58LV064B Datasheet HTML 11Page - STMicroelectronics M58LV064B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
M58LV064A, M58LV064B
8/65
Figure 3. TSOP56 Connections
DQ3
DQ9
DQ2
DQ0
DQ6
A16
A17
A18
DQ14
DQ12
DQ10
RB
VDDQ
DQ4
DQ7
AI03224b
M58LV064A
14
1
15
28
29
42
43
56
DQ8
VDD
DQ1
DQ11
B
A20
A21
NC
A19
W
A22
R
E
L
K
A6
A3
A8
A9
A10
A2
A7
VPP
A1
A4
A5
A12
A13
A11
A15
A14
RP
VSS
NC
DQ13
DQ15
VDD
DQ5
G
VSSQ
VSS


Similar Part No. - M58LV064B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LR016C100ZC6T STMICROELECTRONICS-M58LR016C100ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR016C120ZC6T STMICROELECTRONICS-M58LR016C120ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR016D100ZC6T STMICROELECTRONICS-M58LR016D100ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR016D120ZC6T STMICROELECTRONICS-M58LR016D120ZC6T Datasheet
389Kb / 51P
   16 Mbit 1Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58LR128F-ZB STMICROELECTRONICS-M58LR128F-ZB Datasheet
537Kb / 82P
   128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
More results

Similar Description - M58LV064B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW128A STMICROELECTRONICS-M58LW128A Datasheet
932Kb / 65P
   128 Mbit 8Mb x16 or 4Mb x32, Uniform Block, Burst 3V Supply Flash Memories
M58LW064C STMICROELECTRONICS-M58LW064C Datasheet
301Kb / 61P
   64 Mbit (4Mb x16, Uniform Block, Burst) 3V Supply Flash Memory
December 2002
M29W641DH STMICROELECTRONICS-M29W641DH Datasheet
641Kb / 42P
   64 Mbit 4Mb x16, Uniform Block 3V Supply Flash Memory
M28W320FSU STMICROELECTRONICS-M28W320FSU Datasheet
797Kb / 49P
   32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
   32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
M59PW064 STMICROELECTRONICS-M59PW064 Datasheet
457Kb / 24P
   64 Mbit (4Mb x16, Uniform Block) 3V Supply LightFlash Memory
M58LW64D STMICROELECTRONICS-M58LW64D Datasheet
783Kb / 50P
   64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com