Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SII50N12 Datasheet(PDF) 7 Page - Sirectifier Semiconductors

Part # SII50N12
Description  NPT IGBT Modules
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SII50N12 Datasheet(HTML) 7 Page - Sirectifier Semiconductors

  SII50N12 Datasheet HTML 1Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 2Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 3Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 4Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 5Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 6Page - Sirectifier Semiconductors SII50N12 Datasheet HTML 7Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NPT IGBT Modules
SirectifierR
SII50N12
F orward c harac teris tic s of fas t rec overy
revers e diode
IF = f(VF)
parameter: Tj
0.0
0.5
1.0
1.5
2.0
V
3.0
V
F
0
10
20
30
40
50
60
70
80
A
100
I
F
T
j=25°C
=125°C
j
T
Transient thermal impedance
Diode
Zth JC = ƒ(tp)
parameter: D = tp / T
-4
10
-3
10
-2
10
-1
10
0
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - SII50N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII50N06 SIRECTIFIER-SII50N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
More results

Similar Description - SII50N12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SDI300N12 SIRECTIFIER-SDI300N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SDI100N12 SIRECTIFIER-SDI100N12 Datasheet
643Kb / 2P
   NPT IGBT Modules
SII400N12 SIRECTIFIER-SII400N12 Datasheet
462Kb / 2P
   NPT IGBT Modules
SDI150N12 SIRECTIFIER-SDI150N12 Datasheet
457Kb / 2P
   NPT IGBT Modules
SID200N12 SIRECTIFIER-SID200N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SII100N06 SIRECTIFIER-SII100N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
SII200N06 SIRECTIFIER-SII200N06 Datasheet
1Mb / 4P
   NPT IGBT Modules
6SI75N12 SIRECTIFIER-6SI75N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
6SI15N12 SIRECTIFIER-6SI15N12 Datasheet
557Kb / 2P
   NPT IGBT Modules
SID150N12 SIRECTIFIER-SID150N12 Datasheet
458Kb / 2P
   NPT IGBT Modules
SID100N12 SIRECTIFIER-SID100N12 Datasheet
608Kb / 2P
   NPT IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com