Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3021_0710 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS3021_0710
Description  Rail-to-rail 1.8V high-speed comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3021_0710 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS3021_0710 Datasheet HTML 5Page - STMicroelectronics TS3021_0710 Datasheet HTML 6Page - STMicroelectronics TS3021_0710 Datasheet HTML 7Page - STMicroelectronics TS3021_0710 Datasheet HTML 8Page - STMicroelectronics TS3021_0710 Datasheet HTML 9Page - STMicroelectronics TS3021_0710 Datasheet HTML 10Page - STMicroelectronics TS3021_0710 Datasheet HTML 11Page - STMicroelectronics TS3021_0710 Datasheet HTML 12Page - STMicroelectronics TS3021_0710 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TS3021-3022
Electrical characteristics
9/16
Figure 13. Current consumption vs.
commutation frequency
Figure 14. Propagation delay vs. overdrive
VCC=2V
10k
100k
1M
0
100
200
300
400
500
600
700
800
V
CC
= 2V
V
CC
= 3.3V
Frequency (Hz)
V
CC
= 5V
V
ICM
= 0V
Figure 15. Propagation delay vs. overdrive
VCC=2V
Figure 16. Propagation delay vs. overdrive
VCC=2V
Figure 17. Propagation delay vs. overdrive
VCC=3.3V
Figure 18. Propagation delay vs. overdrive
VCC=3.3V


Similar Part No. - TS3021_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021A STMICROELECTRONICS-TS3021A Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
TS3021AILT STMICROELECTRONICS-TS3021AILT Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
TS3021ICT STMICROELECTRONICS-TS3021ICT Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
TS3021ICT STMICROELECTRONICS-TS3021ICT Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
More results

Similar Description - TS3021_0710

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3022 STMICROELECTRONICS-TS3022 Datasheet
27Kb / 1P
   Rail-to-Rail 1.8V High-Speed Micropower Comparators
January 2005
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
logo
STMicroelectronics
TS3021H STMICROELECTRONICS-TS3021H Datasheet
1Mb / 19P
   Automotive rail-to-rail 1.8 V high-speed comparator
August 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com