Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M58CR032C Datasheet(PDF) 61 Page - STMicroelectronics

Part # M58CR032C
Description  32 Mbit 2Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58CR032C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M58CR032C Datasheet HTML 55Page - STMicroelectronics M58CR032C Datasheet HTML 56Page - STMicroelectronics M58CR032C Datasheet HTML 57Page - STMicroelectronics M58CR032C Datasheet HTML 58Page - STMicroelectronics M58CR032C Datasheet HTML 59Page - STMicroelectronics M58CR032C Datasheet HTML 60Page - STMicroelectronics M58CR032C Datasheet HTML 61Page - STMicroelectronics M58CR032C Datasheet HTML 62Page - STMicroelectronics M58CR032C Datasheet HTML 63Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 63 page
background image
61/63
M58CR032C, M58CR032D
APPENDIX C. COMMAND INTERFACE STATE TABLES
Table 36. Command Interface States - Lock table
Note: PS = Program Suspend, ES = Erase Suspend.
Current
State of
Other
Bank
Current State of the
Current Bank
Command Input to the Current Bank (and Next State of the Current Bank)
Mode
State
Others
Read
Array
(FFH)
Erase
Confirm
P/E
Resume
Unlock
Confirm
(D0h)
Read
Status
Register
(70h)
Clear
Status
Register
(50h)
Read
Electronic
Signature
(90h)
Read
CFI Query
(98h)
Block Lock
Unlock
Lock-Down
setup
Set BCR
setup (60h)
Block lock
Confirm
(01h)
Block
Lock-
Down
Confirm
(2Fh)
Set BCR
Confirm
(03h)
Any State
Read
Array
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
ReadArray
Read
Elect.
Sign.
Read CFI
Block Lock,
Unlock,
Lock-Down,
Set BCR
Setup
Read Array Read Array Read Array
CFI
Electronic
Signature
Status
Any State
Lock
Unlock
Lock-Down
BCR
Setup
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Block
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Error, Set
BCR Error
Block Lock
Unlock
Lock-Down
Block
Block Lock
Unlock
Lock-Down
Block
Set BCR
Error
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Lock
Unlock
Lock-Down
Block
Set BCR
Any State
Protection
Register
Done
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Any State
Program-
Double/
Quadruple
Program
Done
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Setup
Program
Suspend
Read
Array, CFI,
Elect.
Sign.,
Status
SEE
MODIFY
TABLE
PS Read
Array
Program
(Busy)
PS Read
Status
Register
PS Read
Array
PS Read
Elect.
Sign.
PS Read
CFI
PS Read
Array
PS Read
Array
PS Read
Array
PS Read
Array
Idle
Erase
Suspend
Idle
Block/
Bank
Erase
Setup
Erase
Error
Erase
Error
Erase
(Busy)
Erase
Error
Erase
Error
Erase
Error
Erase
Error
Erase Error
Erase
Error
Erase
Error
Erase
Error
Any State
Error
SEE
MODIFY
TABLE
Read Array Read Array
Read
Status
Register
Read Array
Read
Elect.
Sign.
Read CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
Read Array Read Array Read Array
Done
Setup
Erase
Suspend
Read
Array, CFI,
Elect.
Sign.,
Status
SEE
MODIFY
TABLE
ES Read
Array
Erase
(Busy)
ES Read
Status
Register
ES Read
Array
ES Read
Elect.
Sign.
ES Read
CFI
Block LocK
Unlock
Lock-Down
Setup, Set
BCR Setup
ES Read
Array
ES Read
Array
ES Read
Array
Busy
ES Read
Array
Idle
Erase
(Busy)
Program
Suspend
ES Read
Array


Similar Part No. - M58CR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58CR032C STMICROELECTRONICS-M58CR032C Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
M58CR032C100ZB6T STMICROELECTRONICS-M58CR032C100ZB6T Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
M58CR032C120ZB6T STMICROELECTRONICS-M58CR032C120ZB6T Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
M58CR032C85ZB6T STMICROELECTRONICS-M58CR032C85ZB6T Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
More results

Similar Description - M58CR032C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7782 STMICROELECTRONICS-7782 Datasheet
435Kb / 63P
   32 Mbit (2Mb x 16, Dual Bank, Burst ) 1.8V Supply Flash Memory
M58WR032ET STMICROELECTRONICS-M58WR032ET Datasheet
558Kb / 81P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M58WR032FT STMICROELECTRONICS-M58WR032FT Datasheet
1Mb / 86P
   32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
M59DR032EA STMICROELECTRONICS-M59DR032EA Datasheet
386Kb / 43P
   32 Mbit (2Mb x 16, Dual Bank, Page ) 1.8V Supply Flash Memory
M58MR032C STMICROELECTRONICS-M58MR032C Datasheet
396Kb / 52P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M59MR032C STMICROELECTRONICS-M59MR032C Datasheet
352Kb / 49P
   32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
M58CR064C STMICROELECTRONICS-M58CR064C Datasheet
1,000Kb / 70P
   64 Mbit 4Mb x 16, Dual Bank, Burst 1.8V Supply Flash Memory
M58WR128ET STMICROELECTRONICS-M58WR128ET Datasheet
1Mb / 87P
   128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064ET STMICROELECTRONICS-M58WR064ET Datasheet
1Mb / 82P
   64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
M58WR064T STMICROELECTRONICS-M58WR064T Datasheet
497Kb / 81P
   64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com