Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH3112 Datasheet(PDF) 4 Page - SMSC Corporation

Part # SCH3112
Description  LPC IO with 8042 KBC, Reset Generation, HWM and Multiple Serial Ports
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SCH3112 Datasheet(HTML) 4 Page - SMSC Corporation

  SCH3112_07 Datasheet HTML 1Page - SMSC Corporation SCH3112_07 Datasheet HTML 2Page - SMSC Corporation SCH3112_07 Datasheet HTML 3Page - SMSC Corporation SCH3112_07 Datasheet HTML 4Page - SMSC Corporation SCH3112_07 Datasheet HTML 5Page - SMSC Corporation SCH3112_07 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LPC IO with 8042 KBC, Reset Generation, HWM and Multiple Serial Ports
Revision 1.1 (06-05-07)
4
SMSC SCH311X
PRODUCT PREVIEW
1. Legacy Blocks include floppy disk, parallel port, watchdog timer and keyboard controller
2. 2 of the 6 serial ports have 4 pin interfaces
Table 1 Device Specific Summary
FUNCTION
SCH3112
SCH3114
SCH3116
LPC Bus Interface
YES
YES
YES
Legacy functional
Blocks (1.)
YES
YES
YES
Floppy on Parallel
Port Option
YES
YES
YES
Reset Generator
YES
YES
YES
Serial Ports
24
6 (2.)
Programmable
Clock Output
YES
YES
YES
IDE / PCI Reset
Outputs
YES
YES
NO
Power Button / AC
Fail Support
YES
YES
NO
GPIOs
40
40
40
GPIO with VID
Compatible Inputs
66
6
Dedicated GPIOs
16
0
0
Hardware Monitor
YES
YES
YES


Similar Part No. - SCH3112_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SCH3112 SMSC-SCH3112_06 Datasheet
568Kb / 6P
   LPC IO with 8042 KBC, Reset Generation, HWM and Multiple Serial Ports
More results

Similar Description - SCH3112_07

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
SCH3112 SMSC-SCH3112 Datasheet
5Mb / 396P
   LPC IO with 8042 KBC, Reset Generation, HWM and Multiple Serial Ports
SCH3112 SMSC-SCH3112_06 Datasheet
568Kb / 6P
   LPC IO with 8042 KBC, Reset Generation, HWM and Multiple Serial Ports
logo
Microchip Technology
SCH3226 MICROCHIP-SCH3226 Datasheet
3Mb / 295P
   LPC IO with 8042 KBC, Reset Generation, HWM and Multiple Serial Ports
11/07/16
logo
Feature Integration Tec...
F71808A FINTEK-F71808A Datasheet
1Mb / 126P
   Smart LPC IO With CIR & Power Saving Function
logo
New Japan Radio
NJW4116T1 NJRC-NJW4116T1 Datasheet
1Mb / 13P
   Io=500mA LDO with Reset function
Ver.2016-04-05
logo
Linear Technology
LT3669-2 LINER-LT3669-2 Datasheet
2Mb / 12P
   IO-Link Device with Multiple Sensors
logo
Feature Integration Tec...
F71872 FINTEK-F71872 Datasheet
2Mb / 115P
   Super H/W Monitor LPC IO
F71805 FINTEK-F71805 Datasheet
719Kb / 94P
   Super H/W Monitor LPC IO
F71806 FINTEK-F71806 Datasheet
2Mb / 109P
   Super H/W Monitor LPC IO
logo
Winbond
WPCN385L WINBOND-WPCN385L Datasheet
84Kb / 3P
   LPC-to-LPC Switch, Fast Infrared Port, Serial Port and GPIOs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com