Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54HCU04 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. M54HCU04
Description  HEX INVERTER SINGLE STAGE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCU04 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HCU04 Datasheet HTML 1Page - STMicroelectronics M54HCU04 Datasheet HTML 2Page - STMicroelectronics M54HCU04 Datasheet HTML 3Page - STMicroelectronics M54HCU04 Datasheet HTML 4Page - STMicroelectronics M54HCU04 Datasheet HTML 5Page - STMicroelectronics M54HCU04 Datasheet HTML 6Page - STMicroelectronics M54HCU04 Datasheet HTML 7Page - STMicroelectronics M54HCU04 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2004
s
HIGH SPEED:
tPD = 5ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 10% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 04
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9401-055
DESCRIPTION
The M54HCU04 is an high speed CMOS HEX
INVERTER (SINGLE STATE) fabricated with
silicon gate C2MOS technology.
As internal circuit is composed of a single stage
inverter, it can be used in crystal oscillator.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HCU04
RAD HARD HEX INVERTER (SINGLE STATE)
Figure 1: Pin Connection
Table 1: Order Codes
PACKAGE
FM
EM
DILC
M54HCU04D
M54HCU04D1
FPC
M54HCU04K
M54HCU04K1
Rev. 1
DILC-14
FPC-14


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74VHCU04HEX INVERTER SINGLE STAGE 1 2 3 4 5 MoreSTMicroelectronics
74LVCU04ALOW VOLTAGE CMOS HEX INVERTER SINGLE STAGE HIGH PERFORMANCE 1 2 3 4 5 MoreSTMicroelectronics
M54HCU04RAD HARD HEX INVERTER SINGLE STATE 1 2 3 4 5 MoreSTMicroelectronics
74V1GU04SINGLE INVERTER SINGLE STAGE 1 2 3 4 5 MoreSTMicroelectronics
M74HCU04HEX INVERTER SINGLE STATE 1 2 3 4 5 MoreSTMicroelectronics
74V2GU04TRIPLE INVERTER SINGLE STAGE 1 2 3 4 5 MoreSTMicroelectronics
SN54LS05HEX INVERTER 1 2 3 4 Motorola, Inc
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
MC74HC14AHex Schmitt-Trigger Inverter 1 2 3 4 5 MoreON Semiconductor
74AHCU04Hex inverter 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn