Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9210 Datasheet(PDF) 23 Page - SMSC Corporation

Part # LAN9210
Description  Small Form Factor Single- Chip Ethernet Controller with HP Auto-MDIX
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9210 Datasheet(HTML) 23 Page - SMSC Corporation

Back Button LAN9210 Datasheet HTML 19Page - SMSC Corporation LAN9210 Datasheet HTML 20Page - SMSC Corporation LAN9210 Datasheet HTML 21Page - SMSC Corporation LAN9210 Datasheet HTML 22Page - SMSC Corporation LAN9210 Datasheet HTML 23Page - SMSC Corporation LAN9210 Datasheet HTML 24Page - SMSC Corporation LAN9210 Datasheet HTML 25Page - SMSC Corporation LAN9210 Datasheet HTML 26Page - SMSC Corporation LAN9210 Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 146 page
background image
High Performance Two Port 10/100 Managed Ethernet Switch with 32-Bit Non-PCI CPU Interface
Datasheet
SMSC LAN9312
23
Revision 1.2 (04-08-08)
DATASHEET
Software (general purpose)
A dedicated programmable IRQ interrupt output pin is provided for external indication of any LAN9312
interrupts. The IRQ pin is controlled via the Interrupt Configuration Register (IRQ_CFG), which allows
configuration of the IRQ buffer type, polarity, and de-assertion interval.
2.2.3
Switch Fabric
The Switch Fabric consists of the following major function blocks:
10/100 MACs
There is one 10/100 Ethernet MAC per switch fabric port, which provides basic 10/100 Ethernet
functionality, including transmission deferral, collision back-off/retry, TX/RX FCS
checking/generation, TX/RX pause flow control, and transmit back pressure. The 10/100 MACs act
as an interface between the switch engine and the 10/100 PHYs (for ports 1 and 2). The port 0
10/100 MAC interfaces the switch engine to the Host MAC. Each 10/100 MAC includes RX and
TX FIFOs and per port statistic counters.
Switch Engine
This block, consisting of a 3 port VLAN layer 2 switching engine, provides the control for all
forwarding/filtering rules and supports untagged, VLAN tagged, and priority tagged frames. The
switch engine provides an extensive feature set which includes spanning tree protocol support,
multicast packet filtering and Quality of Service (QoS) packet prioritization by VLAN tag, destination
address, and port default value or DIFFSERV/TOS, allowing for a range of prioritization
implementations. A 1K entry forwarding table provides ample room for MAC address forwarding
tables.
Buffer Manager
This block controls the free buffer space, multi-level transmit queues, transmission scheduling, and
packet dropping of the switch fabric. 32K of buffer RAM allows for the storage of multiple packets
while forwarding operations are completed. Each port is allocated 1a cluster of 4 dynamic QoS
queues which allow each queue size to grow and shrink with traffic, effectively utilizing all available
memory. This memory is managed dynamically via the Buffer Manager block.
Switch CSRs
This block contains all switch related control and status registers, and allows all aspects of the
switch fabric to be managed. These registers are indirectly accessible via the memory mapped
system control and status registers
2.2.4
Ethernet PHYs
The LAN9312 contains three PHYs: Port 1 PHY, Port 2 PHY and a Virtual PHY. The Port 1 & 2 PHYs
are identical in functionality and each connect their corresponding Ethernet signal pins to the switch
fabric MAC of their respective port. These PHYs interface with their respective MAC via an internal MII
interface. The Virtual PHY provides the virtual functionality of a PHY and allows connection of the Host
MAC to port 0 of the switch fabric as if it was connected to a single port PHY. All PHYs comply with
the IEEE 802.3 Physical Layer for Twisted Pair Ethernet and can be configured for full/half duplex 100
Mbps (100BASE-TX) or 10Mbps (10BASE-T) Ethernet operation. All PHY registers follow the IEEE
802.3 (clause 22.2.4) specified MII management register set.
2.2.5
Host Bus Interface (HBI)
The Host Bus Interface (HBI) module provides a high-speed asynchronous SRAM-like slave interface
that facilitates communication between the LAN9312 and a host system. The HBI allows access to the
System CSRs and handles byte swapping based on the dynamic endianess select. The HBI interfaces
to the switch fabric via the Host MAC, which contains the TX/RX Data and Status FIFOs, Host MAC
registers and power management features. The main features of the HBI are:
Asynchronous 32-bit Host Bus Interface
- Host Data Bus Endianess Control
- Direct FIFO Access Modes


Similar Part No. - LAN9210

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9210 SMSC-LAN9210 Datasheet
2Mb / 147P
   Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9210-ABZJ SMSC-LAN9210-ABZJ Datasheet
2Mb / 147P
   Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9210 SMSC-LAN9210_12 Datasheet
2Mb / 147P
   Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
More results

Similar Description - LAN9210

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9210 SMSC-LAN9210_12 Datasheet
2Mb / 147P
   Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9211 SMSC-LAN9211 Datasheet
1Mb / 144P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9211_0711 SMSC-LAN9211_0711 Datasheet
1Mb / 146P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX
LAN9211 SMSC-LAN9211_12 Datasheet
1Mb / 147P
   High-Performance Small Form Factor Single-Chip Ethernet Controller with HP Auto-MDIX Support
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9420 SMSC-LAN9420 Datasheet
1Mb / 171P
   Single-Chip Ethernet Controller with HP Auto-MDIX Support and PCI Interface
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9220 SMSC-LAN9220 Datasheet
2Mb / 150P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
logo
Microchip Technology
LAN9220 MICROCHIP-LAN9220 Datasheet
1Mb / 142P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
11/07/16
logo
SMSC Corporation
LAN9220 SMSC-LAN9220_12 Datasheet
2Mb / 151P
   16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com