Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V436416S04VCTG-75 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part No. V436416S04VCTG-75
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V436416S04VCTG-75 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
V436416S04V(C)TG-75 Rev. 1.7 September 2001
MOSEL VITELIC
V436416S04V(C)TG-75
Capacitance
TA =0°Cto70°C; VDD =3.3V ± 0.3V, f = 1 MHz
Operating Currents
TA =0°Cto70°C, VCC =3.3V ± 0.3V (Recommended operating conditions otherwise noted)
Notes:
1.
These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and
tRC. Input signals are changed one time during tCK.
2.
These parameter depend on output loading. Specified values are obtained with output open.
Symbol
Parameter
Limit Values
Unit
Max. 16M x 64
CI1
Input Capacitance (A0 to A11, RAS,CAS,WE)60
pF
CI2
Input Capacitance (CS0-CS3)30
pF
CICL
Input Capacitance (CLK0-CLK3)
22
pF
CI3
Input Capacitance (CKE0, CKE1)
50
pF
CI4
Input Capacitance (DQM0-DQM7)
15
pF
CIO
Input/Output Capacitance (I/O1-I/064)
15
pF
CSC
Input Capacitance (SCL, SA0-2)
8
pF
CSD
Input/Output Capacitance (SA0-SA2)
10
pF
Symbol
Parameter & Test Condition
Max.
Unit
Note
-75
ICC1
Operating Current
tRC =tRCMIN.,tRC =tCKMIN.
Active-precharge command cycling,
without Burst Operation
1 bank operation
1040
mA
7
ICC2P
Precharge Standby Current in Power Down Mode
CS =VIH,CKE≤ VIL(max)
tCK =min.
32
mA
7
ICC2PS
tCK = Infinity
16
mA
7
ICC2N
Precharge Standby Current in Non-Power Down Mode
CS =VIH,CKE≥ VIL(max)
tCK =min.
320
mA
ICC2NS
tCK = Infinity
40
mA
ICC3
No Operating Current
tCK =min, CS =VIH(min)
bank ; active state ( 4 banks)
CKE
≥ V
IH(MIN.)
400
mA
ICC3P
CKE
≥ V
IL(MAX.)
(Power down mode)
64
mA
ICC4
Burst Operating Current
tCK =min
Read/Write command cycling
640
mA
7,8
ICC5
Auto Refresh Current
tCK =min
Auto Refresh command cycling
1120
mA
7
ICC6
Self Refresh Current
Self Refresh Mode, CKE=0.2V
16
mA
L-version
8
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn