Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V436416S04VCTG-75 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part No. V436416S04VCTG-75
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V436416S04VCTG-75 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOSEL VITELIC
V436416S04V(C)TG-75
5
V436416S04V(C)TG-75 Rev. 1.7 September 2001
DC Characteristics
TA =0°Cto70°C; VSS =0V; VDD,VDDQ =3.3V ± 0.3V
31
Module Bank Density (Per Bank)
64 MByte
10
32
SDRAM Input Setup Time
1.5 ns
15
33
SDRAM Input Hold Time
0.8 ns
08
34
SDRAM Data Input Setup Time
1.5 ns
15
35
SDRAM Data Input Hold Time
0.8 ns
08
62-61
Superset Information (May be used in Future)
00
62
SPD Revision
Revision 2
02
63
Checksum for Bytes 0 - 62
8F
64
Manufacturer’s JEDEC ID Code
Mosel Vitelic
40
65-71
Manufacturer’s JEDEC ID Code (cont.)
00
72
Manufacturing Location
73-90
Module Part Number (ASCII)
V436416S04V(C)TG-75
91-92
PCB Identification Code
93
Assembly Manufacturing Date (Year)
94
Assembly Manufacturing Date (Week)
95-98
Assembly Serial Number
99-125
Reserved
00
126
Intel Specification for Frequency
64
127
Reserved
00
128+
Unused Storage Location
00
Symbol
Parameter
Limit Values
Unit
Min.
Max.
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
Input Low Voltage
–0.5
0.8
V
VOH
Output High Voltage (IOUT = –2.0 mA)
2.4
V
VOL
Output Low Voltage (IOUT =2.0 mA)
0.4
V
II(L)
Input Leakage Current, any input
(0 V < VIN < 3.6 V, all other inputs = 0V)
–10
10
µA
IO(L)
Output leakage current
(DQ is disabled, 0V < VOUT <VCC)
–10
10
µA
SPD-Table for PC133 modules: (Continued)
Byte Number
Function Described
SPD Entry Value
Hex Value
16Mx64


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn