Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1047 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1047
Description  1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1047 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1047 Datasheet HTML 4Page - SMSC Corporation EMC1047 Datasheet HTML 5Page - SMSC Corporation EMC1047 Datasheet HTML 6Page - SMSC Corporation EMC1047 Datasheet HTML 7Page - SMSC Corporation EMC1047 Datasheet HTML 8Page - SMSC Corporation EMC1047 Datasheet HTML 9Page - SMSC Corporation EMC1047 Datasheet HTML 10Page - SMSC Corporation EMC1047 Datasheet HTML 11Page - SMSC Corporation EMC1047 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
1°C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
Datasheet
Revision 0.62 (03-05-08)
8
SMSC EMC1046/EMC1047
DATASHEET
The pin types are described below. All pins labelled (5V) are 5V tolerant:
8
DP4 / DN5
External Diode 4 positive (anode)
connection and External Diode 5
negative (cathode) connection
AIO
9
SMDATA
SMBus Data input/output
DIOD (5V)
10
SMCLK
SMBus Clock input
DI (5V)
Table 1.2 Pin Type
PIN TYPE
FUNCTION
Power
Used to supply either VDD or GND to the device
DI
5V tolerant digital input
OD
5V tolerant Open drain digital output. Requires a pull-up resistor
DIOD
5V tolerant bi-directional digital input / open-drain output. Requires a pull-up
resistor.
AIO
Analog input / output used for external diodes or analog inputs
Table 1.1 EMC1046/EMC1047 Pin Description (continued)
PIN NUMBER
NAME
FUNCTION
TYPE


Similar Part No. - EMC1047

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1047 MICROCHIP-EMC1047 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
EMC1047 MICROCHIP-EMC1047 Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
SMSC Corporation
EMC1047-1-AIZL-TR SMSC-EMC1047-1-AIZL-TR Datasheet
591Kb / 37P
   1째C Multiple Temperature Sensor
EMC1047-2-AIZL-TR SMSC-EMC1047-2-AIZL-TR Datasheet
591Kb / 37P
   1째C Multiple Temperature Sensor
More results

Similar Description - EMC1047

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1428 MICROCHIP-EMC1428 Datasheet
564Kb / 53P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
10/28/13
logo
SMSC Corporation
EMC1428 SMSC-EMC1428 Datasheet
764Kb / 47P
   1째C Multiple Temperature Sensor with HW Thermal Shutdown & Hottest of Thermal Zones
EMC1043 SMSC-EMC1043 Datasheet
574Kb / 28P
   1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1438 SMSC-EMC1438 Datasheet
866Kb / 48P
   1째C Multiple Temperature Sensor with Hardware Controlled Standby & Hottest of Multiple Zones
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
EMC1413 MICROCHIP-EMC1413_14 Datasheet
1Mb / 54P
   Multiple Channel 1째C Temperature Sensors with Beta Compensation
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com