Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT4901IJS-1-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT4901IJS-1-T1
Description  Buffered Power Full-Bridge
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4901IJS-1-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT4901IJS-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4901IJS-1-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT4901
Buffered Power Full-Bridge
FastSwitch
TM
PRODUCT DATASHEET
8
4901.2008.03.1.0
www .analogictech.com
Options
AAT4901-1
H-bridge configuration with two enables. Enable B is
active high and enables the H-bridge output. Enable A
toggles the H-bridge outputs A and B in anti-phase. In
steady state, this can provide forward/reverse motor
drive signals.
AAT4901-2
H-bridge configuration with two enables. Enable A and
Enable B are in anti-phase and provide forward/reverse
and braking.
AAT4901-3
Dual independent half-bridge configuration with four
enables. Function similar to 2 x AAT4900.
AAT4901-4
H-bridge with two enables. Enable A and Enable B are in
anti-phase and toggle the H-bridge outputs A and B in
anti-phase respectively. In steady state, this can provide
forward/reverse motor drive signals to adjust the motor
speed by various duty cycles.
AAT4901-1/-4 Logic Table
-1
-4
OUTA
OUTB
ENA
ENB
ENA
ENB
0
0
0
0
Hi Z
Hi Z
1
0
1
1
Hi Z
Hi Z
0
1
1
0
IN
GND
1
1
0
1
GND
IN
AAT4901-2 Logic Table
ENA
ENB
OUTA
OUTB
0
0
Hi Z
Hi Z
1
0
IN
GND
0
1
GND
IN
1
1
IN
IN
AAT4901-3 Logic Table
ENA/C
ENB/D
OUTA/B
0
0
Hi Z
1
0
Hi Z
01
IN
1
1
GND
Timing Diagram
V_ENA
V_OUTA
TON-DLY-R
TON-DLY-F
50%
50%
TON-DLY-R
TON-DLY-F
50%
50%
THIZ_GND
TON-DLY-R
THIZ_IN
TON-DLY-F
50%
50%
50%
50%
10%
90%
90%
10%
V_ENB
V_OUTB
Hi Z
Hi Z
Hi Z
Hi Z
(OFF)
(OFF)
(OFF)
(OFF)
Figure 1: AAT4901-4 Timing Diagram.


Similar Part No. - AAT4901IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4900 ANALOGICTECH-AAT4900 Datasheet
191Kb / 4P
   Buffered Power Half-Bridge
logo
Advanced Analog Technol...
AAT4900 AAT-AAT4900 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
logo
Advanced Analogic Techn...
AAT4900 ANALOGICTECH-AAT4900 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
AAT4900IGV-T1 ANALOGICTECH-AAT4900IGV-T1 Datasheet
191Kb / 4P
   Buffered Power Half-Bridge
logo
Advanced Analog Technol...
AAT4900IGV-T1 AAT-AAT4900IGV-T1 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
More results

Similar Description - AAT4901IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4900 ANALOGICTECH-AAT4900_06 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
AAT4900 ANALOGICTECH-AAT4900 Datasheet
191Kb / 4P
   Buffered Power Half-Bridge
logo
Advanced Analog Technol...
AAT4900 AAT-AAT4900 Datasheet
319Kb / 13P
   Buffered Power Half-Bridge
logo
Texas Instruments
UC3176 TI-UC3176 Datasheet
389Kb / 5P
[Old version datasheet]   Full Bridge Power Amplifier
UC3178 TI-UC3178 Datasheet
305Kb / 6P
[Old version datasheet]   Full Bridge Power Amplifier
UC3172A TI1-UC3172A Datasheet
486Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3173A TI-UC3173A Datasheet
489Kb / 12P
[Old version datasheet]   Full Bridge Power Amplifier
UC3175B TI-UC3175B Datasheet
343Kb / 6P
[Old version datasheet]   Full-Bridge Power Amplifier
UC3178QP TI-UC3178QP Datasheet
274Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
UC3176 TI1-UC3176_15 Datasheet
333Kb / 8P
[Old version datasheet]   Full Bridge Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com