Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AAT2782 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part No. AAT2782
Description  Triple Output PMIC: Dual Buck with Low-VIN LDO
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT2782 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AAT2782
Triple Output PMIC: Dual Buck with Low-VIN LDO
SystemPowerTM
PRODUCT DATASHEET
6
2782.2008.05.1.0
www .analogictech.com
AAT2782
Triple Output PMIC: Dual Buck with Low-VIN LDO
SystemPowerTM
PRODUCT DATASHEET
6
2782.2008.05.1.0
www .analogictech.com
Typical Characteristics
Step-Down Converters and LDO Input
Current vs. Input Voltage
(VEN1 = VEN2 = VEN3 = VIN)
Input Voltage (V)
140
150
160
170
180
190
200
210
220
2.5
3.5
4
4.5
5
6
5.5
3
85°C
25°C
-40°C
Step-Down Converter Switching Frequency
vs. Temperature
(VIN = 3.3V; IOUT1 = 1.2A; IOUT2 = 0.6A)
Temperature (°C)
1.25
1.26
1.27
1.28
1.29
1.30
1.31
-40
40
100
80
60
20
0
-20
VOUT2 = 1.7V
VOUT1 = 1.2V
Step-Down Converter Switching Frequency
vs. Input Voltage
(IOUT1 = 1.2A; IOUT2 = 0.6A)
Input Voltage (V)
-3
-2
-1
0
1
2
3
2.7
4.7
5.5
5.1
4.3
3.9
3.5
3.1
VOUT2 = 1.7V
VOUT1 = 1.2V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn