Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUR15100 Datasheet(PDF) 3 Page - Sirectifier Semiconductors

Part No. HUR15100
Description  High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SIRECTIFIER [Sirectifier Semiconductors]
Homepage  http://www.sirectifier.com
Logo 

HUR15100 Datasheet(HTML) 3 Page - Sirectifier Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HUR15100, HUR15120
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
200
600
1000
0
400
800
100
120
140
160
180
0.00001
0.0001
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
0
40
80
120
160
0.0
0.5
1.0
1.5
2.0
K
f
T
VJ
°C
-di
F/dt
t
s
K/W
0
200
400
600
800
1000
0
40
80
120
0.0
0.4
0.8
1.2
V
FR
di
F/dt
V
200
600
1000
0
400
800
0
10
20
30
40
50
100
1000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
1
2
3
4
0
5
10
15
20
25
30
35
40
I
RM
Q
r
I
F
A
V
F
-di
F/dt
-di
F/dt
A/us
A
V
C
A/us
A/us
t
rr
ns
t
fr
Z
thJC
A/us
us
I
F= 30A
I
F= 15A
I
F= 7.5A
T
VJ= 100°C
V
R = 600V
T
VJ= 100°C
I
F
= 15A
Fig. 3 Peak reverse current I
RM
versus -di
F/dt
Fig. 2 Reverse recovery charge Q
r
versus -di
F/dt
Fig. 1 Forward current I
F versus VF
T
VJ= 100°C
V
R = 600V
T
VJ= 100°C
V
R = 600V
I
F= 30A
I
F= 15A
I
F= 7.5A
Q
r
I
RM
Fig. 4 Dynamic parameters Q
r, IRM
versus T
VJ
Fig. 5 Recovery time t
rr versus -diF/dt
Fig. 6 Peak forward voltage V
FR and tfr
versus di
F/dt
I
F= 30A
I
F= 15A
I
F= 7.5A
t
fr
V
FR
Fig. 7 Transient thermal resistance junction to case
Constants for Z
thJC calculation:
i
R
thi (K/W)
t
i (s)
1
0.9084
0.0052
2
0.3497
0.0003
3
0.3419
0.0165
T
VJ=150°C
T
VJ=100°C
T
VJ=
25°C


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn