Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2146 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2146
Description  Low Noise, Fast Transient 600mA Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2146 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2146 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2146 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AAT2146
Low Noise, Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
2146.2008.04.1.1
5
www .analogictech.com
AAT2146
Low Noise, Fast Transient 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
2146.2008.04.1.1
5
www .analogictech.com
Typical Characteristics
Efficiency vs. Output Current
(VOUT = 1.8V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Regulation
(VOUT = 1.8V)
Output Current (mA)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.1
1
10
100
1000
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Efficiency vs. Output Current
(VOUT = 2.5V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
Load Regulation
(VOUT = 2.5V)
Output Current (mA)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.1
1
10
100
1000
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
Efficiency vs. Output Current
(VOUT = 3.3V)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.6V
VIN = 4.2V
VIN = 5V
Load Regulation
(VOUT = 3.3V)
Output Current (mA)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0.1
1
10
100
1000
VIN = 3.6V
VIN = 4.2V
VIN = 5V


Similar Part No. - AAT2146

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2146 ANALOGICTECH-AAT2146 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
AAT2146IJS-0.6-T1 ANALOGICTECH-AAT2146IJS-0.6-T1 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
More results

Similar Description - AAT2146

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2146 ANALOGICTECH-AAT2146_08 Datasheet
1Mb / 19P
   Low Noise, Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2146W SKYWORKS-AAT2146W Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
   Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1141 SKYWORKS-AAT1141 Datasheet
2Mb / 20P
   Fast Transient 600mA Step-Down Converter
logo
Advanced Analogic Techn...
APS1056 ANALOGICTECH-APS1056 Datasheet
629Kb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141_0810 ANALOGICTECH-AAT1141_0810 Datasheet
1Mb / 20P
   Fast Transient 600mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141_08 Datasheet
1Mb / 21P
   Fast Transient 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2148 SKYWORKS-AAT2148 Datasheet
2Mb / 18P
   Low-Noise, Fast Transient 1A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1147 ANALOGICTECH-AAT1147 Datasheet
645Kb / 19P
   High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com