Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HUR3020CT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part No. HUR3020CT
Description  High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

HUR3020CT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  HUR3020CT Datasheet HTML 1Page - Sirectifier Semiconductors HUR3020CT Datasheet HTML 2Page - Sirectifier Semiconductors HUR3020CT Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HUR3020CT, HUR3030CT
HUR3020CT
HUR3030CT
VRSM
V
200
300
VRRM
V
200
300
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
TC=135
oC; rectangular, d=0.5
35
2 x 15
A
TVJ
TVJM
Tstg
-55...+175
175
-55...+150
oC
IFSM
TVJ=45
oC; tp=10ms (50Hz), sine
EAS
TVJ=25
oC; non-repetitive; IAS=2.5A; L=180uH
VA=1.5.VR typ.; f=10kHz; repetitive
140
0.8
0.3
A
mJ
IAR
A
Ptot
TC=25
oC
Md
mounting torque
typical
95
0.4...0.6
2
W
Nm
Weight
g
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn