Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR6040PT Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SUR6040PT
Description  Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SUR6040PT Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SUR6040PT Datasheet HTML 1Page - Sirectifier Semiconductors SUR6040PT Datasheet HTML 2Page - Sirectifier Semiconductors SUR6040PT Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SUR6020PT thru SUR6060PT
Ultra Fast Recovery Epitaxial Diodes
SUR6020PT
VRSM
V
200
VRRM
V
200
Symbol
Test Conditions
Maximum Ratings
Unit
IFRMS
IFAVM
IFRM
TVJ=TVJM
TC=85
oC; rectangular, d=0.5
tp<10us; rep. rating, pulse width limited by TVJM
70
30
375
A
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
300
320
260
280
A
IFSM
TVJ=45
oC
t=10ms (50Hz), sine
t=8.3ms (60Hz), sine
TVJ=150
oC
t=10ms(50Hz), sine
t=8.3ms(60Hz), sine
450
420
340
320
A
2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
Ptot
TC=25
oC
Md
Mounting torque
125
0.8...1.2
6
W
Nm
Weight
g
SUR6030PT
300
300
SUR6040PT
400
400
SUR6060PT
600
600
A=Anode, C=Cathode, TAB=Cathode
A
A
C
C(TAB)
A
C
A
Dimensions TO-247AD
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780
0.800
B
20.80 21.46
0.819
0.845
C
15.75 16.26
0.610
0.640
D
3.55
3.65
0.140
0.144
E
4.32
5.49
0.170
0.216
F
5.4
6.2
0.212
0.244
G
1.65
2.13
0.065
0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040
0.055
K
10.8
11.0
0.426
0.433
L
4.7
5.3
0.185
0.209
M
0.4
0.8
0.016
0.031
N
1.5
2.49
0.087
0.102


Similar Part No. - SUR6040PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR6040PT SIRECTIFIER-SUR6040PT Datasheet
221Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Di
More results

Similar Description - SUR6040PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR1520 SIRECTIFIER-HUR1520_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR10100 SIRECTIFIER-HUR10100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR60100 SIRECTIFIER-HUR60100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR1520 SIRECTIFIER-SUR1520 Datasheet
271Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-08 SIRECTIFIER-SUR2X30-08 Datasheet
161Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR860S SIRECTIFIER-SUR860S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-04 SIRECTIFIER-SUR2X30-04 Datasheet
163Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080 Datasheet
144Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080PT SIRECTIFIER-SUR3080PT Datasheet
171Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com