Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR60120 Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # SUR60120
Description  Ultra Fast Recovery Epitaxial Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SUR60120 Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  SUR60120 Datasheet HTML 1Page - Sirectifier Semiconductors SUR60120 Datasheet HTML 2Page - Sirectifier Semiconductors SUR60120 Datasheet HTML 3Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SUR6080 thru SUR60120
Ultra Fast Recovery Epitaxial Diodes
ADVANTAGES
* High reliability circuit operation
* Low voltage peaks for reduced
protection circuits
* Low noise switching
* Low losses
* Operating at lower temperature or
space saving by reduced cooling
APPLICATIONS
* Antiparallel diode for high frequency
switching devices
* Antisaturation diode
* Snubber diode
* Free wheeling diode in converters
and motor control circuits
* Rectifiers in switch mode power
supplies (SMPS)
* Inductive heating and melting
* Uninterruptible power supplies (UPS)
* Ultrasonic cleaners and welders
FEATURES
* International standard package
JEDEC TO-247AC
* Planar passivatd chips
* Very short recovery time
* Extremely low switching losses
* Low IRM-values
* Soft recovery behaviour
Symbol
Test Conditions
Characteristic Values
typ.
max.
Unit
TVJ=25
oC; VR=VRRM
TVJ=25
oC; VR=0.8.VRRM
TVJ=125
oC; VR=0.8.VRRM
3
0.5
14
mA
IR
IF=60A; TVJ=150
oC
TVJ=25
oC
1.8
2.3
V
VF
RthJC
RthCK
RthJA
0.66
35
K/W
0.25
VR=540V; IF=60A; -diF/dt=480A/us; L<0.05uH; TVJ=100
oC
trr
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25
oC
ns
IRM
A
35
VTO
For power-loss calculations only
1.43
V
rT
6.1
m
TVJ=TVJM
50
32
_
36


Similar Part No. - SUR60120

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SUR60120 SIRECTIFIER-SUR60120 Datasheet
219Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
SUR60120PT SIRECTIFIER-SUR60120PT Datasheet
156Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR60120PT SIRECTIFIER-SUR60120PT Datasheet
156Kb / 3P
   Soft Recovery Behaviour Ultra Fast Recovery Epitaxial Diodes
More results

Similar Description - SUR60120

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
HUR1520 SIRECTIFIER-HUR1520_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR10100 SIRECTIFIER-HUR10100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
HUR60100 SIRECTIFIER-HUR60100_16 Datasheet
255Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR6020PT SIRECTIFIER-SUR6020PT Datasheet
267Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR1520 SIRECTIFIER-SUR1520 Datasheet
271Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR820 SIRECTIFIER-SUR820 Datasheet
273Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-08 SIRECTIFIER-SUR2X30-08 Datasheet
161Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR860S SIRECTIFIER-SUR860S Datasheet
244Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR2X30-04 SIRECTIFIER-SUR2X30-04 Datasheet
163Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080 SIRECTIFIER-SUR3080 Datasheet
144Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
SUR3080PT SIRECTIFIER-SUR3080PT Datasheet
171Kb / 3P
   Ultra Fast Recovery Epitaxial Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com