Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V436416S04V Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part No. V436416S04V
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V436416S04V Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
V436416S04V(C)TG-10PC Rev. 1.2 June 2000
MOSEL VITELIC
V436416S04V(C)TG-10PC
Capacitance
TA = 0°C to 70°C; VDD = 3.3V ± 0.3V, f = 1 MHz
Standby and Refresh Currents1
TA = 0°C to 70°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
Limit Values
Unit
CI1
Input Capacitance (A0 to A11, RAS, CAS, WE)
80
pF
CI2
Input Capacitance (CS0-CS3)
30
pF
CICL
Input Capacitance (CLK0-CLK3)
22
pF
CI3
Input Capacitance (CKE0, CKE1)
50
pF
CI4
Input Capacitance (DQM0-DQM7)
20
pF
CIO
Input/Output Capacitance (I/O1-I/064)
20
pF
CSC
Input Capacitance (SCL, SA0-2)
8
pF
CSD
Input/Output Capacitance
10
pF
Symbol Parameter
Test Conditions
16M x 64
Unit
Note
ICC1
Operating Current
Burst length = 4, CL = 3
tRC> = tRC(min),
tCK> = tCK(min), IO = 0 mA
2 Bank Interleave Operation
800
mA
1,2
ICC2P
Precharged Standby Current in Power
Down Mode
CKE< = VIL(max), tCK> = tCK(min)
48
mA
ICC2PS
CKE< = VIL(max), tCK = Infinite
32
mA
ICC2N
Precharged Standby Current in
Non-Power Down Mode
CKE> = VIH(min), tCK> = tCK(min), Input
changed once in 3 cycles
160
mA
CS =
High
ICC2NS
CKE> = VIH(min), tCK = Infinite,
No Input change
80
mA
ICC3P
Active Standby Current in Power
Down Mode
CKE< = VIL(max), tCK> = tCK(min)
48
mA
ICC3PS
CKE< = VIL(max), tCK = Infinite
32
mA
ICC3N
Active Standby Current in Non-Power
Down Mode
CKE> = VIH(min), tCK> = tCK(min), Input
changed one time
200
mA
CS =
High
ICC3NS
CKE> = VIH(min), tCK = Infinite,
No Input change
120
mA
ICC4
Burst Operating Current
Burst length = Full Page,
tRC = Infinite, CL = 3,
tCK> = tCK(min), IO = 0 mA
2 Banks Activated
760
mA
1, 2
ICC5
Auto Refresh Current
tRC>= tRC(min)
720
mA
1,2
ICC6
Self Refresh Current
CKE = <0,2 V
8
mA
1,2


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn