Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V436416S04V Datasheet(PDF) 3 Page - Mosel Vitelic, Corp

Part No. V436416S04V
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V436416S04V Datasheet(HTML) 3 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MOSEL VITELIC
V436416S04V(C)TG-10PC
3
V436416S04V(C)TG-10PC Rev. 1.2 June 2000
Module Part Number Information
Block Diagram
SDRAM
3.3V
V436416S04V(C)TG-10PC-02
4
MOSEL-VITELIC
MANUFACTURED
V
168 PIN UNBUFFERED
DIMM X 8 COMPONENT
S
REFRESH RATE 4K
0
3
DEPTH
16
4 BANKS
4
TSOP
WIDTH
64
LVTTL
V
GOLD
G
10PC
-
-10PC PC100 2-2-2
T
COMPONENT REVISION
LEVEL
BLANK = B REV.
C = C REV.
C
DQM0
I/O1–I/O8
CS0
10
10
10
10
CS1
CS3
CS
DQM4
I/O33–I/O40
DQM1
I/O9–I/O16
DQM5
I/O41–I/O48
DQM2
I/O17–I/O24
CS2
10
10
10
10
DQM6
I/O49–I/O56
DQM3
I/O25–I/O32
DQM7
I/O57–I/O64
V436416S04V(C)TG-10PC-03
D0-D15
D0-D15
D0-D15
D0-D7
A11-A0, BA0, BA1
VDD
VCC
10K
RAS, CAS, WE
CKE0
CKE1
D0-D7
C0-C31
D9-D15
VSS
SA0
SA1
SA2
SCL
SA0
SA1
SA2
SCL
SDA
WP
E2PROM SPD (256 WORD X 8 BIT)
47K
CLOCK WIRING
16M X 64
CLK0
4 SDRAM +3.3pF
CLK1
4 SDRAM +3.3pF
CLK2
4 SDRAM +3.3pF
CLK3
4 SDRAM +3.3pF
DQM
I/O1–I/O8
D0
DQM
I/O1–I/O8
D1
DQM
I/O1–I/O8
D2
DQM
I/O1–I/O8
D3
CS
CS
CS
CS
DQM
I/O1–I/O8 D8
DQM
I/O1–I/O8 D9
DQM
I/O1–I/O8 D10
DQM
I/O1–I/O8 D11
CS
CS
CS
CS
DQM
I/O1–I/O8
D4
DQM
I/O1–I/O8
D5
DQM
I/O1–I/O8
D6
DQM
I/O1–I/O8
D7
CS
CS
CS
DQM
I/O1–I/O8 D12
DQM
I/O1–I/O8 D13
DQM
I/O1–I/O8 D14
DQM
I/O1–I/O8 D15
CS
CS
CS
CS


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn