Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V436416S04V Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part No. V436416S04V
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V436416S04V Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MOSEL VITELIC
1
V436416S04V(C)TG-10PC
3.3 VOLT 16M x 64 HIGH PERFORMANCE
PC100 UNBUFFERED SDRAM MODULE
PRELIMINARY
V436416S04V(C)TG-10PC Rev. 1.2 June 2000
Features
s 168 Pin Unbuffered 16,777,216 x 64 bit
Oganization SDRAM Modules
s Utilizes High Performance 8M x 8 SDRAM in
TSOPII-54 Packages
s Fully PC Board Layout Compatible to INTEL’S
Rev 1.0 Module Specification
s Single +3.3V (
± 0.3V) Power Supply
s Programmable CAS Latency, Burst Length, and
Wrap Sequence (Sequential & Interleave)
s Auto Refresh (CBR) and Self Refresh
s All Inputs, Outputs are LVTTL Compatible
s 4096 Refresh Cycles every 64 ms
s Serial Present Detect (SPD)
Description
The V436416S04V(C)TG-10PC memory module
is organized 16,777,216 x 64 bits in a 168 pin dual
in line memory module (DIMM). The 16M x 64 un-
buffered DIMM uses 16 Mosel-Vitelic 8M x 8
SDRAM. The x64 modules are ideal for use in high
performance computer systems where increased
memory density and fast access times are required.
s SDRAM Performance
s Module Frequency vs AC Parameter
Key Component Timing Parameters
-8PC
Units
tCK
Clock Frequency (max.)
125
MHz
tAC
Clock Access Time CAS
Latency = 3
6ns
tAC
Latency = 2
6
ns
Frequency
CL
(CAS Latency)
tRCD
tRP
tRC
Unit
V436416S04V(C)TG-10PC
100 MHz (PC)
3
227
CLK
2
227
CLK
V436416S04V(C)TG-10PC-01


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn