Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54HCT27 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. M54HCT27
Description  TRIPLE 3-INPUT NOR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT27 Datasheet(HTML) 6 Page - STMicroelectronics

  M54HCT27 Datasheet HTML 1Page - STMicroelectronics M54HCT27 Datasheet HTML 2Page - STMicroelectronics M54HCT27 Datasheet HTML 3Page - STMicroelectronics M54HCT27 Datasheet HTML 4Page - STMicroelectronics M54HCT27 Datasheet HTML 5Page - STMicroelectronics M54HCT27 Datasheet HTML 6Page - STMicroelectronics M54HCT27 Datasheet HTML 7Page - STMicroelectronics M54HCT27 Datasheet HTML 8Page - STMicroelectronics M54HCT27 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ceramic DIP14/1 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
20
0.787
B
7.0
0.276
D
3.3
0.130
E
0.38
0.015
e3
15.24
0.600
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
H
1.17
1.52
0.046
0.060
L
0.22
0.31
0.009
0.012
M
1.52
2.54
0.060
0.100
N
10.3
0.406
P
7.8
8.05
0.307
0.317
Q
5.08
0.200
P053C
M54/M74HCT27
6/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALS27Triple 3-Input NOR gate 1 2 3 4 5 MoreNXP Semiconductors
M74HC27TRIPLE 3-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VHC27FTRIPLE 3-INPUT NOR GATE 1 2 3 4 5 Toshiba Semiconductor
74LCX27Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74F27Triple 3-input NOR gate 1 2 3 4 5 MoreNXP Semiconductors
HEF4025BTriple 3-input NOR gate 1 2 3 NXP Semiconductors
74VHC27Triple 3-Input NOR Gate 1 2 3 4 5 MoreFairchild Semiconductor
M74HCT27TRIPLE 3-INPUT NOR GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74HC27ATriple 3-Input NOR Gate 1 2 3 4 5 Integral Corp.
SL4025BTriple 3-Input NOR Gate 1 2 3 4 System Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn