Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M54HCT27 Datasheet(PDF) 7 Page - STMicroelectronics

Part No. M54HCT27
Description  TRIPLE 3-INPUT NOR GATE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT27 Datasheet(HTML) 7 Page - STMicroelectronics

  M54HCT27 Datasheet HTML 1Page - STMicroelectronics M54HCT27 Datasheet HTML 2Page - STMicroelectronics M54HCT27 Datasheet HTML 3Page - STMicroelectronics M54HCT27 Datasheet HTML 4Page - STMicroelectronics M54HCT27 Datasheet HTML 5Page - STMicroelectronics M54HCT27 Datasheet HTML 6Page - STMicroelectronics M54HCT27 Datasheet HTML 7Page - STMicroelectronics M54HCT27 Datasheet HTML 8Page - STMicroelectronics M54HCT27 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SO14 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45
° (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S8
° (max.)
P013G
M54/M74HCT27
7/9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74ALS27 Triple 3-Input NOR gate 1  2  3  4  5  More NXP Semiconductors
M74HC27 TRIPLE 3-INPUT NOR GATE 1  2  3  4  5  More STMicroelectronics
TC74VHC27F TRIPLE 3-INPUT NOR GATE 1  2  3  4  5  Toshiba Semiconductor
74LCX27 Low Voltage Triple 3-Input NOR Gate with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
74F27 Triple 3-input NOR gate 1  2  3  4  5  More NXP Semiconductors
HEF4025B Triple 3-input NOR gate 1  2  3  NXP Semiconductors
74VHC27 Triple 3-Input NOR Gate 1  2  3  4  5  More Fairchild Semiconductor
M74HCT27 TRIPLE 3-INPUT NOR GATE 1  2  3  4  5  More STMicroelectronics
IN74HC27A Triple 3-Input NOR Gate 1  2  3  4  5  Integral Corp.
SL4025B Triple 3-Input NOR Gate 1  2  3  4  System Logic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn