Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA7805CKTTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UA7805CKTTR
Description  POSITIVE-VOLTAGE REGULATORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA7805CKTTR Datasheet(HTML) 2 Page - Texas Instruments

  UA7805CKTTR Datasheet HTML 1Page - Texas Instruments UA7805CKTTR Datasheet HTML 2Page - Texas Instruments UA7805CKTTR Datasheet HTML 3Page - Texas Instruments UA7805CKTTR Datasheet HTML 4Page - Texas Instruments UA7805CKTTR Datasheet HTML 5Page - Texas Instruments UA7805CKTTR Datasheet HTML 6Page - Texas Instruments UA7805CKTTR Datasheet HTML 7Page - Texas Instruments UA7805CKTTR Datasheet HTML 8Page - Texas Instruments UA7805CKTTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
INPUT
OUTPUT
COMMON
µA7800 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS056L – MAY 1976 – REVISED NOVEMBER 2006
ORDERING INFORMATION(1)
ORDERABLE PART
TOP-SIDE
TJ
VO(NOM)
PACKAGE(2)
NUMBER
MARKING
PowerFLEX™– KTE
Reel of 2000
UA7805CKTER
UA7805C
TO-220 – KC
Tube of 50
UA7805CKC
UA7805C
5 V
TO-220, short shoulder – KCS
Tube of 20
UA7805CKCS
UA7805C
TO-263 – KTT
Reel of 500
UA7805CKTTR
UA7805C
PowerFLEX – KTE
Reel of 2000
UA7808CKTER
UA7808C
8 V
TO-220 – KC
Tube of 50
UA7808CKC
UA7808C
TO-220, short shoulder – KCS
Tube of 20
UA7808CKCS
UA7808C
PowerFLEX – KTE
Reel of 2000
UA7810CKTER
UA7810C
10 V
TO-220 – KC
Tube of 50
UA7810CKC
UA7810C
0
°C to 125°C
TO-263 – KTT
Reel of 500
UA7810CKTTR
UA7810C
PowerFLEX – KTE
Reel of 2000
UA7812CKTER
UA7812C
TO-220 – KC
Tube of 50
UA7812CKC
UA7812C
12 V
TO-220, short shoulder – KCS
Tube of 20
UA7812CKCS
UA7812C
TO-263 – KTT
Reel of 500
UA7812CKTTR
UA7812C
PowerFLEX – KTE
Reel of 2000
UA7815CKTER
UA7815C
15 V
TO-220 – KC
Tube of 50
UA7815CKC
UA7815C
TO-220, short shoulder – KCS
Tube of 20
UA7815CKCS
UA7815C
PowerFLEX – KTE
Reel of 2000
UA7824CKTER
UA7824C
24 V
TO-220 – KC
Tube of 50
UA7824CKC
UA7824C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
SCHEMATIC
2
Submit Documentation Feedback


Similar Part No. - UA7805CKTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA7805CKTTR TI-UA7805CKTTR Datasheet
697Kb / 19P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA7805CKTTR TI1-UA7805CKTTR Datasheet
807Kb / 7P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTTR TI1-UA7805CKTTR Datasheet
122Kb / 12P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTTR TI-UA7805CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
UA7805CKTTR TI1-UA7805CKTTR Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results

Similar Description - UA7805CKTTR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com