Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS016J0LBJW000 Datasheet(PDF) 11 Page - SPANSION

Part # S29NS016J0LBJW000
Description  Burst Mode Flash Memories
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS016J0LBJW000 Datasheet(HTML) 11 Page - SPANSION

Back Button S29NS016J0LBJW000 Datasheet HTML 7Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 8Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 9Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 10Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 11Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 12Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 13Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 14Page - SPANSION S29NS016J0LBJW000 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
February 7, 2007 S29NS-J_00_A11
S29NS-J
11
Data
She e t
2.1
Block Diagram of Simultaneous Operation Circuit
Notes:
1. A15–A0 are multiplexed with DQ15–DQ0.
2. Amax indicates the highest order address bit.
VCC
VSS
Acc
Bank B Address
RESET#
WE#
CE#
AVD#
DQ15–DQ0
CLK
STATE
CONTROL
&
COMMAND
REGISTER
Bank B
X-Decoder
Bank A
X-Decoder
DQ15–DQ0
DQ15–DQ0
DQ15–DQ0
DQ15–DQ0
DQ15–
DQ0
Bank C
X-Decoder
Bank D
X-Decoder
OE#
OE#
OE#
OE#
Status
Control
Amax–A0
Amax–A0
Amax–A0
Amax–A0
Amax–A0
Bank C Address
Bank D Address
Bank A Address
RDY


Similar Part No. - S29NS016J0LBJW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS016J0LBJW00 SPANSION-S29NS016J0LBJW00 Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results

Similar Description - S29NS016J0LBJW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
Texas Instruments
TMS28F400BZB TI1-TMS28F400BZB Datasheet
409Kb / 29P
[Old version datasheet]   BOOT-BLOCK FLASH MEMORIES
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
   128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com