Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29NS032J0LBFW000 Datasheet(PDF) 10 Page - SPANSION

Part # S29NS032J0LBFW000
Description  Burst Mode Flash Memories
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29NS032J0LBFW000 Datasheet(HTML) 10 Page - SPANSION

Back Button S29NS032J0LBFW000 Datasheet HTML 6Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 7Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 8Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 9Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 10Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 11Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 12Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 13Page - SPANSION S29NS032J0LBFW000 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
10
S29NS-J
S29NS-J_00_A11 February 7, 2007
Da ta
Sh e e t
1.
Product Selector Guide
2.
Block Diagram
Note:
1. Amax indicates the highest order address bit.
Part Number
S29NS128J, S29NS064J, S29N032J, 29NS016J
Burst Frequency
54 MHz
Speed Option
0L
Max Initial Synchronous Access Time, ns (tIACC)87.5
Max Burst Access Time, ns (tBACC)13.5
Max Asynchronous Access Time, ns (tACC)
70
Max CE# Access Time, ns (tCE)
Max OE# Access Time, ns (tOE)13.5
Input/Output
Buffers
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Erase Voltage
Generator
PGM Voltage
Generator
Timer
VCC
Detector
State
Control
Command
Register
VCC
VSS
WE#
RESET#
Acc
CE#
OE#
A/DQ15–A/DQ0
Data
Latch
Y-Gating
Cell Matrix
A/DQ15–A/DQ0
Amax–A16
RDY
Buffer
RDY
Burst
State
Control
Burst
Address
Counter
AVD#
CLK
Amax–A0


Similar Part No. - S29NS032J0LBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS032J0LBFW00 SPANSION-S29NS032J0LBFW00 Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
More results

Similar Description - S29NS032J0LBFW000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
logo
STMicroelectronics
M58BW016BT STMICROELECTRONICS-M58BW016BT Datasheet
895Kb / 63P
   16 Mbit 512Kb x32, Boot Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58WR064HT NUMONYX-M58WR064HT Datasheet
1Mb / 111P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
Texas Instruments
TMS28F400BZB TI1-TMS28F400BZB Datasheet
409Kb / 29P
[Old version datasheet]   BOOT-BLOCK FLASH MEMORIES
logo
STMicroelectronics
M58BW16F STMICROELECTRONICS-M58BW16F Datasheet
658Kb / 81P
   16 or 32 Mbit (x32, Boot Block, Burst) 3.3V supply Flash memories
M58LT128GS STMICROELECTRONICS-M58LT128GS Datasheet
693Kb / 98P
   128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
logo
Numonyx B.V
M58WR016QT NUMONYX-M58WR016QT Datasheet
1Mb / 110P
   16 Mbit and 32 Mbit (x16, Multiple Bank, Burst) 1.8V supply Flash memories
logo
STMicroelectronics
M58LV064A STMICROELECTRONICS-M58LV064A Datasheet
450Kb / 65P
   64 Mbit 4Mb x16 or 2Mb x32, Uniform Block, Burst 3V Supply Flash Memories
logo
Numonyx B.V
M58BW16F NUMONYX-M58BW16F Datasheet
1Mb / 87P
   16 or 32 Mbit (x 32, boot block, burst) 3.3 V supply Flash memories
M58WR064HU NUMONYX-M58WR064HU Datasheet
2Mb / 114P
   64 Mbit (4Mb x16, Mux I/O, Multiple Bank, Burst) 1.8V supply Flash memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com