Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V29LC51002 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part No. V29LC51002
Description  2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29LC51002 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V29LC51002 Datasheet HTML 1Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 2Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 3Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 4Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 5Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 6Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 7Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 8Page - Mosel Vitelic, Corp V29LC51002 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
V29LC51002 Rev. 0.5 October 2000
MOSEL VITELIC
V29LC51002
OPERATING VOLTAGE
51: 5V
DEVICE
SPEED
C51002-01
V
29
LC
002
51
90: 90ns
P = PDIP
J = PLCC
PKG.
Pin Configurations
N/C
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
30
31
32
29
28
27
26
25
7
24
23
22
21
20
32-Pin PDIP
Top View
VCC
WE
A17
A14
A13
A8
A9
A11
OE
A10
CE
I/O3
I/O4
I/O5
I/O6
I/O7
19
18
17
51002-02
A6
A5
A4
A3
A2
A1
I/O0
5
6
7
8
9
10
11
12
13
29
51002-03
28
27
26
25
24
23
22
21
A0
14
A7
A13
A8
A9
A11
OE
A10
I/O7
CE
A14
32 Pin PLCC
Top View
15 16 17 18 19 20
4
321
32 31 30
Pin Names
A0–A17
Address Inputs
I/O0–I/O7
Data Input/Output
CE
Chip Enable
OE
Output Enable
WE
Write Enable
VCC
5V
± 10% Power Supply
GND
Ground
NC
No Connect


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn