Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

V29LC51002 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part No. V29LC51002
Description  2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSEL [Mosel Vitelic, Corp]
Homepage  http://www.moselvitelic.com
Logo 

V29LC51002 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOSEL VITELIC
1
V29LC51002
2 MEGABIT (262,144 x 8 BIT)
5 VOLT CMOS FLASH MEMORY
PRELIMINARY
V29LC51002 Rev. 0.5 October 2000
Features
s 256Kx8-bit Organization
s Address Access Time: 90 ns
s Single 5V
± 10% Power Supply
s Sector Erase Mode Operation
s 512 bytes per Sector, 512 Sectors
– Sector-Erase Cycle Time: 10ms (Max)
– Byte-Write Cycle Time: 30
µs (Max)
s Minimum 1,000 Erase-Program Cycles
s Low power dissipation
– Active Read Current: 20mA (Typ)
– Active Program Current: 30mA (Typ)
– Standby Current: 100
µA (Max)
s Low VCC Program Inhibit Below 3.5V
s CMOS and TTL Interface
s Packages:
– 32-pin Plastic DIP
– 32-pin PLCC
Description
The V29LC51002 is a high speed 262,144 x 8 bit
CMOS flash memory. Writing or erasing the device
is done with a single 5 Volt power supply. The
device has separate chip enable CE, write enable
WE, and output enable OE controls to eliminate
bus contention.
The V29LC51002 features a sector erase
operation which allows each sector to be erased
and reprogrammed without affecting data stored in
other sectors. The device also supports full chip
erase.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Temperature
Mark
PJ
90
0
°C to 70°C
Blank


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn