Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM3-869-17-SMA Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # RPM3-869-17-SMA
Description  UHF Radio Packet Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RPM3-869-17-SMA Datasheet(HTML) 2 Page - Radiometrix Ltd

  RPM3-869-17-SMA Datasheet HTML 1Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 2Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 3Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 4Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 5Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 6Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 7Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 8Page - Radiometrix Ltd RPM3-869-17-SMA Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Radiometrix Ltd.
UHF FM Radio Packet Modem
page 2
INTRODUCTION
The RPM3 is a self-contained Radio Packet Modem module that requires only a simple antenna, 5V
supply and a serial I/O port on a host microcontroller or PC.
The module provides all the RF circuits and processor intensive low level packet formatting and packet
recovery functions required to inter-connect any number of devices with serial port in a radio network.
A continuous stream of serial data downloaded by a Host microcontroller into the RPM3 serial receive
buffer is transmitted by the RPM3’S transceiver and will "appear" in the serial buffer of the addressed
RPM3 within radio range.
Figure 2: Point to point wireless link with RPM3 + Host microcontroller
1. FUNCTIONAL DESCRIPTION
The RPM3 is a connection oriented modem module for sending and receiving serial data via an RF
communications link.
The RPM3 handles all necessary protocol related functions of validation and retries to ensure error free
and uninterrupted data is sent over the communications link. All data transfers between a pair of RPMS
are fully acknowledged, thus preventing the loss of data. Bit coding and checksums are used on the data
packets to ensure the validity of the received data at the remote end.
Figure 3: RPM3 block diagram


Similar Part No. - RPM3-869-17-SMA

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM3.3-1.0 RECOM-RPM3.3-1.0 Datasheet
1Mb / 8P
   1 Amp Single Output
RPM3.3-1.0-EVM-1 RECOM-RPM3.3-1.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-2.0 RECOM-RPM3.3-2.0 Datasheet
1Mb / 8P
   2 Amp Single Output
RPM3.3-2.0-EVM-1 RECOM-RPM3.3-2.0-EVM-1 Datasheet
1Mb / 6P
   Easy evaluation of trimming, sequencing, soft start, enable and sensing functions
RPM3.3-3.0 RECOM-RPM3.3-3.0 Datasheet
1Mb / 8P
   3 Amp Single Output
More results

Similar Description - RPM3-869-17-SMA

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPC2A RADIOMETRIX-RPC2A Datasheet
898Kb / 27P
   UHF Radio Packet Controller
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
logo
Radiometrix Ltd
M48-458-TR2I RADIOMETRIX-M48-458-TR2I Datasheet
310Kb / 11P
   500mW UHF NBFM multi channel radio modem
M48-869-FPX3 RADIOMETRIX-M48-869-FPX3 Datasheet
311Kb / 11P
   400mW UHF multi channel RS232 radio modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com