Electronic Components Datasheet Search |
|
LMT1-XXX-5 Datasheet(PDF) 5 Page - Radiometrix Ltd |
|
LMT1-XXX-5 Datasheet(HTML) 5 Page - Radiometrix Ltd |
5 / 10 page Radiometrix Ltd LMT1/LMR1 Data Sheet page 5 Pin description – LMR1 Pin Name Function 1a Vcc 3.1 – 15V power supply 2a 0V Ground 3a RXE Receiver Enable (active high) 4a RXD Data out (open collector, no pullup) 5a AF out 700mV p-p audio. DC coupled, approx 0.8v bias.` 1b P0/PGM Parallel Channel select LSB Serial frequency programming / configuration1 2b P1 Parallel Channel select 3b P2 Parallel Channel select 4b P3 Parallel Channel select MSB 5b RSSI DC level between 0.5v and 2.2v. 60dB dynamic range NOTES: 1. Serial programming is by an inverted, cmos logic level, 2400 baud RS232 datastream applied to the P0 pin. 2. Channel select inputs have pullups (50k Ω) to 3v internal rail. Do not exceed 3v logic levels on this port. 3. Channel select inputs are active low 4. All pins are on an 0.1" grid 5. Data recovery circuit used for RXD is not a simple 'average and compare' type. It is a peak sampling quasi-DC coupled design, allowing a greater than usual flexibility in data format. 6. Unit will operate (with marginally reduced specifications) from a 3.0v rail. This must be well regulated and without noise or ripple, as in this state the unit's internal regulator no longer operates, and provides no supply rejection. Figure 5: LMR1 footpint (top view) |
Similar Part No. - LMT1-XXX-5 |
|
Similar Description - LMT1-XXX-5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |