Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT1-173-10 Datasheet(PDF) 9 Page - Radiometrix Ltd

Part # LMT1-173-10
Description  VHF Narrow Band FM Low Cost multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT1-173-10 Datasheet(HTML) 9 Page - Radiometrix Ltd

Back Button LMT1-173-10 Datasheet HTML 2Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 3Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 4Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 5Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 6Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 7Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 8Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 9Page - Radiometrix Ltd LMT1-173-10 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Radiometrix Ltd
LMT1/LMR1 Data Sheet
page 9
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is
often not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an
internal antenna must be used, try to keep it away from other metal components, particularly large
ones like transformers, batteries and PCB tracks/earth plane. The space around the antenna is as
important as the antenna itself.
Helical antenna
R
F
Loop antenna
RF GND
RF
C
tune
C
match
capacitors may be variable or fixed
(values depend on loop dimensions)
track width = 1mm
min. area 500mm
2
Whip antenna
410mm @ 173MHz
R
F
wire, rod, PCB track
or a combination of these
length(mm) = 71250 / freq(MHz)
trim wire length or expand coil for
best results
35-40 turns wire spring
length 120mm, dia 10mm
Ordering Information:
Ordering Information:
Ordering Information:
Ordering Information:
Part No.
Part No.
Part No.
Part No.
Description
Description
Description
Description
Frequency band
Frequency band
Frequency band
Frequency band
(MHz)
(MHz)
(MHz)
(MHz)
RF power
RF power
RF power
RF power
(mW)
(mW)
(mW)
(mW)
Channel spacing
Channel spacing
Channel spacing
Channel spacing
(kHz)
(kHz)
(kHz)
(kHz)
Data rate
Data rate
Data rate
Data rate
kbps
kbps
kbps
kbps
LMT1-173-5
Transmitter
173.225 - 173.325 10
25
5
LMR1-173-5
Receiver
173.225 - 173.325
25
5
LMT1-151-5
Transmitter
150.825 - 152.450 100
25
5
LMR1-151-5
Receiver
150.825 - 152.450
25
5
LMT1-173-5-12k5
Transmitter
173.225 - 173.325 10
12.5
5
LMR1-173-5-12k5
Receiver
173.225 - 173.325
12.5
5
LMT1-151-5-12k5
Transmitter
150.825 - 152.450 100
12.5
5
LMR1-151-5-12k5
Receiver
150.825 - 152.450
12.5
5
LMT1-173-10
Transmitter
173.225 - 173.325 10
25
10
LMR1-173-10
Receiver
173.225 - 173.325
25
10
LMT1-xxx-5
10/100
25
5
LMR1-xxx-5
Where xxx is any 2MHz band
from 130MHz to-180MHz
25
5
Figure 7: Antenna types


Similar Part No. - LMT1-173-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1-173-5 RADIOMETRIX-LMT1-173-5 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1-173-5-12k5-FCC RADIOMETRIX-LMT1-173-5-12k5-FCC Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMT1-173-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com