Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMT1-173-5-12K5 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # LMT1-173-5-12K5
Description  VHF Narrow Band FM Low Cost multi channel radio modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMT1-173-5-12K5 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button LMT1-173-5-12K5 Datasheet HTML 2Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 3Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 4Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 5Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 6Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 7Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 8Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 9Page - Radiometrix Ltd LMT1-173-5-12K5 Datasheet HTML 10Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Radiometrix Ltd
LMT1/LMR1 Data Sheet
page 8
RX Received Signal Strength Indicator (RSSI)
The LMR1 has wide range RSSI that measures the strength of an incoming signal over a range of 60dB
or more. This allows assessment of link quality and available margin and is useful when performing
range tests.
The output on pin 5b of the module has a standing DC bias of up to 0.5V with no signal, rising to 2.5V
at maximum indication (RF input levels of -40dBm and above).
∆Vmin-max is typically 2V and is
largely independent of standing bias variations. Output impedance is 40k
Ω. Pin 5b can drive a 100µA
meter directly, for simple monitoring.
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
-140 -130 -120 -110 -100 -90
-80
-70
-60
-50
-40
RF level (dBm)
Figure 6: typical RSSI level with respect to received RF level at LMR1 antenna pin
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A) Whip
This is a wire, rod ,PCB track or combination connected directly to RF pin of the module.
Optimum total length is 410mm (1/4 wave @ 173MHz). Keep the open circuit (hot) end
well away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small
and plastic cased
B) Helical
Wire coil, connected directly to RF pin, open circuit at other end. This antenna is very
efficient given it’s small size (20mm x 4mm dia.). The helical is a high Q antenna, trim
the wire length or expand the coil for optimum results. The helical de-tunes badly with
proximity to other conductive objects.
C) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and
fed from RF pin at a point 20% from the ground end. Loops have high immunity to
proximity de-tuning.
A
B
C
whip
helical
loop
Ultimate performance
***
**
*
Easy of design set-up
***
**
*
Size
*
***
**
Immunity proximity effects
*
**
***


Similar Part No. - LMT1-173-5-12K5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1-173-5-12k5-FCC RADIOMETRIX-LMT1-173-5-12k5-FCC Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results

Similar Description - LMT1-173-5-12K5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com