Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR2-433-5 Datasheet(PDF) 8 Page - Radiometrix Ltd

Part # LMR2-433-5
Description  UHF Narrow Band FM Low Cost multi channel radio modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

LMR2-433-5 Datasheet(HTML) 8 Page - Radiometrix Ltd

Back Button LMR2-433-5 Datasheet HTML 3Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 4Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 5Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 6Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 7Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 8Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 9Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 10Page - Radiometrix Ltd LMR2-433-5 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Radiometrix Ltd
LMT2/LMR2 Data Sheet
page 8
Condensed specifications
Frequency
433MHz EU band, and 458MHz UK band
As supplied: EU version: 433.875 - 434.65MHz (25kHz steps)
UK version 458.525 - 459.1MHz (25kHz steps)
Other custom UHF bands
Frequency stability
±1.5kHz
Channel spacing
25kHz
Number of channels
16 channels controlled by parallel port
or 32 via RS232 interface
Operating temperature
-10 ºC to +60 ºC (Storage -30 ºC to +70 ºC)
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Transmitter
Output power
+10dBm (10mW) ±1dB (factory adjustable 1 - 25mW)
+20dBm (100mW) ±1dB (factory adjustable 25 - 100mW)
Peak deviation
±3kHz
TX on switching time
30ms from TXE transition
Modulation type
FSK (F3D)
TX modulation bandwidth
DC – 5kHz (3V CMOS compatible)
Adjacent channel TX power
<-37dBm
TX spurious
<-45dBm (no RF output in Standby)
Supply
Voltage
3.1V – 15V (1-25mW)
4.1 – 15V (25 – 100mW)
Current
34mA @ 10mW (nominal)
65mA @ 50mW (nominal)
90mA @ 100mW (nominal)
<5
µA standby (TXE high or floating)
Inputs
data (CMOS/TTL compatible)
Size
33 x 23 x 9mm
Interface
User
10 (8) pin 0.1" pitch dual row (5+5) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm
Receiver
Sensitivity
-118dBm for 12dB SINAD
S/N ratio
35dB (min), 40dB (typ) on AF output
AF bandwidth (-3dB)
4kHz
image
<-60db
Othr spurious
<-70dbm
Blocking
Better than 84dB
Adjacent channel
<-60dB
LO re-radiation
-70dBm
Supply
Voltage
3.1V – 15V
Current
20mA receive
<1
µA standby (RXE low)
Outputs
RSSI, audio, data (quasi DC data recovery circuit)
Size
46 x 23 x 9 mm
Interface
User
10 pin 0.1" pitch dual row (5+5) header
RF
2pin 0.1” pitch
Recommended PCB hole size
1.2mm


Similar Part No. - LMR2-433-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMR2-433-5 ETC2-LMR2-433-5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
LMR2-433-5 RADIOMETRIX-LMR2-433-5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
logo
List of Unclassifed Man...
LMR2-433-5-12K5 ETC2-LMR2-433-5-12K5 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
LMR2-433-5-12k5 RADIOMETRIX-LMR2-433-5-12k5 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
More results

Similar Description - LMR2-433-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2H RADIOMETRIX-TLC2H_14 Datasheet
621Kb / 12P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
   UHF Narrow Band FM Low Cost multi channel
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com