Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX1-161.975-10 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # RX1-161.975-10
Description  VHF Narrow Band FM Transmitter and Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX1-161.975-10 Datasheet(HTML) 5 Page - Radiometrix Ltd

  RX1-161.975-10 Datasheet HTML 1Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 2Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 3Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 4Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 5Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 6Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 7Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 8Page - Radiometrix Ltd RX1-161.975-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Radiometrix Ltd., TX1 & RX1 Data Sheet
page 5
Performance specifications:
RX1 receiver
(Vcc = 3.0V / temperature = 20
°°°°C unless stated)
pin
min.
typ.
max.
units
notes
DC supply
Supply voltage
7
2.7
3.0
12
V
Supply current
7
12
14
mA
RF/IF
RF sensitivity @ 10dB (S+N)/N
1, 8
-119
-115
dBm
RF sensitivity @ 1ppm BER
1, 9
-116
-112
dBm
IP3 at RF input
1
-28
dBm
RSSI threshold
1, 5
-127
dBm
1
RSSI range
1, 5
80
90
dB
1
IF bandwidth
15
kHz
Image rejection
1
50
55
dB
Adjacent channel rejection
1
50
55/60
dB
2
Spurious response rejection
1
70
100
dB
LO leakage, conducted
1
-70
-65
dBm
3
LO leakage, radiated
-70
-60
dBm
3
Baseband
Baseband bandwidth @ -3dB
8
0.05
6
kHz
1, 4
AF level
8
400
mVP-P
5
DC offset on AF out
8
0.7
1.0
1.3
V
Distortion on recovered AF
8
1
10
%
Load capacitance, AFout / RXD
8, 9
100
pF
Dynamic timing
Power up with signal present
Power up to valid RSSI
4, 5
4
5
ms
Power up to stable data
4, 9
16
20
ms
Signal applied with supply on
Signal to valid RSSI
1, 5
0.4
0.6
ms
Signal to stable data
1, 9
4
12
ms
6
Time between data transitions
9
1.8
0.1
ms
7
Mark : space ratio
9
20
50
80
%
8
Notes:
1. See applications information for further details.
2. Typically 55dB @ +25kHz offset, 60dB @ -25kHz offset.
3. Exceeds EN/EMC requirements at all frequencies.
4. Lower limit can be extended to DC if required, by means of external circuitry.
5. For received signal with
±3kHz FM deviation.
6. Typically 4ms for signal at channel centre, maximum 12ms at
±4kHz RF offset.
7. For 50:50 mark to space ratio (i.e. squarewave).
8. Average over 50ms period at maximum bit rate.


Similar Part No. - RX1-161.975-10

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RX1-12-30-A SUNHOLD-RX1-12-30-A Datasheet
1Mb / 2P
   RX1 SERIES
RX1-12-30-B SUNHOLD-RX1-12-30-B Datasheet
1Mb / 2P
   RX1 SERIES
RX1-12-40-A SUNHOLD-RX1-12-40-A Datasheet
1Mb / 2P
   RX1 SERIES
RX1-12-40-B SUNHOLD-RX1-12-40-B Datasheet
1Mb / 2P
   RX1 SERIES
logo
Radiometrix Ltd
RX1-151.300-10 RADIOMETRIX-RX1-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - RX1-161.975-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com