Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX1-152.812-10 Datasheet(PDF) 2 Page - Radiometrix Ltd

Part # RX1-152.812-10
Description  VHF Narrow Band FM Transmitter and Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX1-152.812-10 Datasheet(HTML) 2 Page - Radiometrix Ltd

  RX1-152.812-10 Datasheet HTML 1Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 2Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 3Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 4Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 5Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 6Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 7Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 8Page - Radiometrix Ltd RX1-152.812-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Radiometrix Ltd., TX1 & RX1 Data Sheet
page 2
Functional description
The TX1 module is a two stage crystal controlled NBFM transmitter operating between 2.2V and 12V
at a current of 9.5mA. At 3V supply it delivers nominally +10dBm RF output. The SIL style TX1
measures 32 x 12 x 3.8 mm excluding the pins.
The RX1 module is a single conversion NBFM superhet receiver capable of handling data rates of up to
10kbps. It will operate from a supply of 2.7V to 12V and draws 12mA when receiving. A signal strength
(RSSI) output with greater than 80dB of range is provided. The SIL style RX1 measures 48 x 17.5 x 5.5
mm excluding the pins.
TX1 transmitter
Lowpass filter
PA
Bandpass filter
x2
VCXO
7kHz LPF
100k
Supply
regulator
1
RF gnd
2
RF out
3
RF gnd
4
En
5
Vcc
6
0V
7
TXD
En
(pin 4)
Tx enable.
≤0.15V on this pin disables module (current <1µA), ≥1.7V enables module. Input impedance
1M
Ω approx. Observe slew rate requirements (see applications notes).
Vcc
(pin 5)
DC +ve supply. Max ripple content 0.1VP-P. Decoupling is not generally required.
0V
(pin 6)
DC supply ground. Internally connected to pins 1, 3 and module screen.
TXD
(pin 7)
DC-coupled modulation input. Accepts serial digital data at 0V to 3V levels.
See applications notes for suggested drive methods. Input impedance 100k
Ω nominal.
Fig.2: TX1 physical dimensions
Pin description
RF gnd
(pins 1 & 3)
RF ground, internally connected to the
module screen and pin 6 (0V). These pins
should be directly connected to the RF
return path - e.g. coax braid, main PCB
ground plane etc.
RF out
(pin 2)
50
Ω RF output to antenna. Internally
DC-isolated. See antenna section of
applications notes for details of suitable
antennas / feeds.
Fig.1: TX1 block diagram
3.8 mm
32 mm
12.0
mm
12.5
mm
PCB level
Radiometrix
TX1
pin spacing:
2.54 mm
7 holes of 0.7 mm dia. pin spacing 2.54 mm
15.24 mm
1
2
3
4
5
6
7
1 = RF gnd
2 = RF out
3 = RF gnd
4 = En
6 = 0V
7 = TXD
5 = Vcc


Similar Part No. - RX1-152.812-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX1-151.300-10 RADIOMETRIX-RX1-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - RX1-152.812-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com