Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX1H Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # TX1H
Description  VHF Narrow Band FM transceiver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX1H Datasheet(HTML) 7 Page - Radiometrix Ltd

Back Button TX1H Datasheet HTML 3Page - Radiometrix Ltd TX1H Datasheet HTML 4Page - Radiometrix Ltd TX1H Datasheet HTML 5Page - Radiometrix Ltd TX1H Datasheet HTML 6Page - Radiometrix Ltd TX1H Datasheet HTML 7Page - Radiometrix Ltd TX1H Datasheet HTML 8Page - Radiometrix Ltd TX1H Datasheet HTML 9Page - Radiometrix Ltd TX1H Datasheet HTML 10Page - Radiometrix Ltd TX1H Datasheet HTML 11Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Radiometrix Ltd.,
BiM1 transceiver, TX1H high power transmitter data sheet
Page 7
RX Received Signal Strength Indicator (RSSI)
The BiM1 wide range RSSI which measures the strength of an incoming signal over a range of 60dB or
more. This allows assessment of link quality and available margin and is useful when performing range
tests.
The output on pin 11 of the module has a standing DC bias of up to 0.5V with no signal, rising to 2.4V
at maximum indication.
∆Vmin-max is typically 1V and is largely independent of standing bias variations.
Output impedance is 56k
Ω. Pin 11 can drive a 100µA meter directly, for simple monitoring.
Typical RSSI characteristic is as shown below:
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
RF Level (dBm)
Figure 7: RSSI level with respect to received RF level at BiM1 antenna pin


Similar Part No. - TX1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX1H-151.300-10 ETC2-TX1H-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
TX1H-151.300-10 RADIOMETRIX-TX1H-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
TX1H RADIOMETRIX-TX1H_14 Datasheet
196Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - TX1H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
   Narrow Band FM Multi-channel VHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
   VHF Narrow Band FM Multi channel Transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
logo
rfsolutions.ltd
X2010 RFSOLUTIONS-X2010 Datasheet
65Kb / 6P
   FM Narrow Band Transceiver Modules
logo
Radiometrix Ltd
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
   UHF Narrow Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
   UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com