Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX1-152.500-10 Datasheet(PDF) 11 Page - Radiometrix Ltd

Part # RX1-152.500-10
Description  VHF Narrow Band FM Transmitter and Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX1-152.500-10 Datasheet(HTML) 11 Page - Radiometrix Ltd

Back Button RX1-152.500-10 Datasheet HTML 7Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 8Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 9Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 10Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 11Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 12Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 13Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 14Page - Radiometrix Ltd RX1-152.500-10 Datasheet HTML 15Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Radiometrix Ltd., TX1 & RX1 Data Sheet
page 11
Helical antenna
R
F
Loop antenna
RF GND
RF
C
tune
C
match
capacitors may be variable or fixed
(values depend on loop dimensions)
track width = 1mm
min. area 500mm
2
Whip antenna
410mm @ 173MHz
R
F
wire, rod, PCB track
or a combination of these
length(mm) = 71250 / freq(MHz)
trim wire length or expand coil for
best results
35-40 turns wire spring
length 120mm, dia 10mm
Fig.10: integral antenna configurations
Integral antenna summary:
whip
helical
loop
Ultimate performance
***
**
*
Ease of design set-up
***
**
*
Size
*
***
**
Immunity to proximity effects
**
*
***
Tamper-proof integral antenna
Where the RX1 is used in alarm applications it may sometimes be necessary to provide a warning if any
attempt is made to remove or disable its antenna. A typical solution to this problem is as follows:
Fig.11: Tamper-proof antenna arrangement
In normal operation the output will have a resistance to ground of R1+R2. If the antenna is shorted to
ground it will show R2 only, and if the antenna is cut it will be open-circuit.
R1 and R2 may be any value over 1k
Ω. All track lengths should be kept to a minimum and the output
may need to be decoupled in some cases to avoid noise being injected into the antenna from the
following circuitry.
RX1
1 23
8 9
4 567
R2
1/4 wave
hairpin loop
antenna
R1
1n
to comparator circuit, etc.


Similar Part No. - RX1-152.500-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX1-151.300-10 RADIOMETRIX-RX1-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - RX1-152.500-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com