Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BIM-UHF Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # BIM-UHF
Description  Low Power UHF Data Transceiver Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

BIM-UHF Datasheet(HTML) 4 Page - Radiometrix Ltd

  BIM-UHF Datasheet HTML 1Page - Radiometrix Ltd BIM-UHF Datasheet HTML 2Page - Radiometrix Ltd BIM-UHF Datasheet HTML 3Page - Radiometrix Ltd BIM-UHF Datasheet HTML 4Page - Radiometrix Ltd BIM-UHF Datasheet HTML 5Page - Radiometrix Ltd BIM-UHF Datasheet HTML 6Page - Radiometrix Ltd BIM-UHF Datasheet HTML 7Page - Radiometrix Ltd BIM-UHF Datasheet HTML 8Page - Radiometrix Ltd BIM-UHF Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Radiometrix Ltd, BiM Data Sheet
page 4
pin 15
TX select
Active low transmit / receive selects with 10kΩ internal
pin 16
RX select
pull-ups. They may be driven by open collector or CMOS logic
All states are valid.
Pin 15 TX
Pin 16 RX
function
1
1
power down (<1µA)
1
0
receiver enabled
0
1
transmitter enabled
0
0
self test loop back
Note - loop test is at reduced TX power.
pin 17
Vcc
positive supply, supply voltages from 4.5V to 5.5V may be used. Reverse
polarity will destroy the module. Supply is internally decoupled.
Maximum ripple content 50mV pk to pk.
Warning:
Don't be tempted to adjust the trimmer on the module, it controls
the receive frequency and can only be correctly set-up with an
accurate RF signal generator.
figure 3: test circuit BiM-UHF


Similar Part No. - BIM-UHF

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BIM-UNC-AN6X TURCK-BIM-UNC-AN6X Datasheet
199Kb / 2P
   Magnetic Field Sensor – For Pneumatic Cylinders
11/07/2023
BIM-UNC-AP6X TURCK-BIM-UNC-AP6X Datasheet
198Kb / 2P
   Magnetic Field Sensor – For Pneumatic Cylinders
11/07/2023
BIM-UNC-AP6X-0.3-PSG3M TURCK-BIM-UNC-AP6X-0.3-PSG3M Datasheet
225Kb / 2P
   Magnetic Field Sensor – For Pneumatic Cylinders
11/07/2023
BIM-UNR-2AN6X-0.2-RSC4.4T TURCK-BIM-UNR-2AN6X-0.2-RSC4.4T Datasheet
389Kb / 3P
   Magnetic Field Sensor – For Pneumatic Cylinders
11/07/2023
BIM-UNR-2AP6X-0.2-PSG4M TURCK-BIM-UNR-2AP6X-0.2-PSG4M Datasheet
377Kb / 3P
   Magnetic Field Sensor – For Pneumatic Cylinders
11/07/2023
More results

Similar Description - BIM-UHF

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-300L KYL-KYL-300L_1 Datasheet
231Kb / 15P
   Low Power Wireless Transceiver Data Module
logo
List of Unclassifed Man...
XE1201A ETC-XE1201A Datasheet
193Kb / 14P
   LOW POWER UHF TRANSCEIVER
logo
SHENZHEN KYL COMMUNICAT...
KYL-300I KYL-KYL-300I_1 Datasheet
157Kb / 11P
   Low Power Wireless Transceiver Data Module
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
SX1231 SEMTECH-SX1231 Datasheet
895Kb / 78P
   Low Power Integrated UHF Transceiver
logo
List of Unclassifed Man...
XE1203 ETC1-XE1203 Datasheet
367Kb / 37P
   Low-Power, integrated UHF transceiver
XE1202 ETC-XE1202 Datasheet
451Kb / 26P
   Low-power, integrated UHF transceiver
logo
Semtech Corporation
SX1208IMLTRT SEMTECH-SX1208IMLTRT Datasheet
1Mb / 86P
   Low Power Integrated UHF Transceiver
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
   SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
logo
List of Unclassifed Man...
MXR-505 ETC2-MXR-505 Datasheet
176Kb / 10P
   UHF FM TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com