Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX1-151.300-10 Datasheet(PDF) 10 Page - Radiometrix Ltd

Part # RX1-151.300-10
Description  VHF Narrow Band FM Transmitter and Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX1-151.300-10 Datasheet(HTML) 10 Page - Radiometrix Ltd

Back Button RX1-151.300-10 Datasheet HTML 6Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 7Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 8Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 9Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 10Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 11Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 12Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 13Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 14Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Radiometrix Ltd., TX1 & RX1 Data Sheet
page 10
Antennas
The choice and positioning of transmitter and receiver antennas is of the utmost importance and is the
single most significant factor in determining system range. The following notes are intended to assist
the user in choosing the most effective antenna type for any given application.
Integral antennas
These are relatively inefficient compared to the larger externally-mounted types and hence tend to be
effective only over limited ranges. They do however result in physically compact equipment and for this
reason are often preferred for portable applications. Particular care is required with this type of
antenna to achieve optimum results and the following should be taken into account:
1. Nearby conducting objects such as a PCB or battery can cause detuning or screening of the antenna
which severely reduces efficiency. Ideally the antenna should stick out from the top of the product
and be entirely in the clear, however this is often not desirable for practical/ergonomic reasons and
a compromise may need to be reached. If an internal antenna must be used try to keep it away
from other metal components and pay particular attention to the “hot” end (i.e. the far end) as this
is generally the most susceptible to detuning. The space around the antenna is as important as the
antenna itself.
2. Microprocessors and microcontrollers tend to radiate significant amounts of radio frequency hash
which can cause desensitisation of the receiver if its antenna is in close proximity. The problem
becomes worse as logic speeds increase, because fast logic edges generate harmonics across the VHF
range which are then radiated effectively by the PCB tracking. In extreme cases system range may
be reduced by a factor of 5 or more. To minimise any adverse effects situate antenna and module as
far as possible from any such circuitry and keep PCB track lengths to the minimum possible. A
ground plane can be highly effective in cutting radiated interference and its use is strongly
recommended.
A simple test for interference is to monitor the receiver RSSI output voltage, which should be the same
regardless of whether the microcontroller or other logic circuitry is running or in reset.
The following types of integral antenna are in common use:
Quarter-wave whip. This consists simply of a piece of wire or rod connected to the module at one end.
At 173MHz the total length should be 410mm from module pin to antenna tip including any
interconnecting wire or tracking. Because of the length of this antenna it is almost always external to
the product casing.
Helical. This is a more compact but slightly less effective antenna formed from a coil of wire. It is very
efficient for its size, but because of its high Q it suffers badly from detuning caused by proximity to
nearby conductive objects and needs to be carefully trimmed for best performance in a given situation.
The size shown is about the maximum commonly used at 173MHz and appropriate scaling of length,
diameter and number of turns can make individual designs much smaller.
Loop. A loop of PCB track having an inside area as large as possible (minimum about 5cm2), tuned and
matched with 2 capacitors. Loops are relatively inefficient but have good immunity to proximity
detuning, so may be preferred in shorter range applications where high component packing density is
necessary.


Similar Part No. - RX1-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX1-151.300-10 RADIOMETRIX-RX1-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - RX1-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com