Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX1-151.300-10 Datasheet(PDF) 3 Page - Radiometrix Ltd

Part # RX1-151.300-10
Description  VHF Narrow Band FM Transmitter and Receiver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX1-151.300-10 Datasheet(HTML) 3 Page - Radiometrix Ltd

  RX1-151.300-10 Datasheet HTML 1Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 2Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 3Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 4Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 5Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 6Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 7Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 8Page - Radiometrix Ltd RX1-151.300-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Radiometrix Ltd., TX1 & RX1 Data Sheet
page 3
RX1 receiver
Bandpass filter
x2
7kHz LPF
Supply
regulator
3
RF gnd
1
RF in
2
RF gnd
4
En
7
Vcc
6
0V
Preamp.
Mixer
Bandpass filter
Xtal osc/mult.
IF1
IF2
IF amplification / filtering
FM
discriminator
Regulated
Rx supply
5
RSSI
9
RXD
8
AF out
AF buffer
Adaptive
data slicer
10k
En
(pin 4)
Rx enable.
≤0.15V on this pin disables module (current <1µA), ≥1.7V enables module. Input impedance
1M
Ω approx. Observe slew rate requirements (see applications notes).
RSSI
(pin 5)
Received Signal Strength Indicator with >80dB range. See applications notes for typical characteristics.
0V
(pin 6)
DC supply ground. Internally connected to pins 2, 3 and module screen.
Vcc
(pin 7)
DC +ve supply. Max ripple content 0.1VP-P. Decoupling is not generally required.
AF out
(pin 8)
Buffered and filtered analogue output from the FM demodulator. It has a standing DC bias of 1V and
400mVP-P baseband signal. Useful as a test point or to drive external decoders (see applications notes).
External load should be >1k
Ω // <100pF.
RXD
(pin 9)
Digital output from internal data slicer (squared version of the signal on pin 8). It may be used to drive
external decoders. The data is true data, i.e. as fed to the transmitter. Output is “open-collector”
format with internal 10k
Ω pullup to Vcc (pin 7).
Pin description
RF in
(pin 1)
50
Ω RF input from antenna.
Internally DC-isolated. See
antenna section of applications
notes for suggested antennas and
feeds.
RF gnd
(pins 2 & 3)
RF ground, internally connected
to the module screen and pin 6
(0V). These pins should be
directly connected to the RF
return path - e.g. coax braid,
main PCB ground plane etc.
Fig.3: RX1 block diagram
Fig.4: RX1 physical dimensions
9 holes of 0.7 mm dia. pin spacing 2.54mm
12
3
48 mm
PCB level
Radiometrix
RX1
45
6
7
9
8
25.4 mm
pin spacing: 2.54 mm
1 = RF in
2 = RF gnd
3 = RF gnd
4 = En
5 = RSSI
6 = 0V
7 = Vcc
8 = AF out
9 = RXD
5.5 mm


Similar Part No. - RX1-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX1-151.300-10 RADIOMETRIX-RX1-151.300-10 Datasheet
195Kb / 11P
   VHF Narrow Band FM High Power TX
More results

Similar Description - RX1-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1 RADIOMETRIX-TX1 Datasheet
2Mb / 19P
   VHF Narrow Band FM Transmitter and Receiver
TX1M-151-5 RADIOMETRIX-TX1M-151-5 Datasheet
391Kb / 11P
   VHF Narrow Band FM multi channel radio Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
NRX1 RADIOMETRIX-NRX1 Datasheet
415Kb / 8P
   Low cost VHF Narrow Band FM receiver
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com