Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX1H-151.300-10 Datasheet(PDF) 11 Page - Radiometrix Ltd

Part # TX1H-151.300-10
Description  VHF Narrow Band FM High Power TX
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX1H-151.300-10 Datasheet(HTML) 11 Page - Radiometrix Ltd

Back Button TX1H-151.300-10 Datasheet HTML 3Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 4Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 5Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 6Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 7Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 8Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 9Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 10Page - Radiometrix Ltd TX1H-151.300-10 Datasheet HTML 11Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Radiometrix Ltd
Hartcran House
231 Kenton Lane
Harrow, Middlesex
HA3 8RP
ENGLAND
Tel: +44 (0) 20 8909 9595
Fax: +44 (0) 20 8909 2233
sales@radiometrix.com
www.radiometrix.com
Copyright notice
This product data sheet is the original work and copyrighted property of Radiometrix Ltd. Reproduction in whole or in
part must give clear acknowledgement to the copyright owner.
Limitation of liability
The information furnished by Radiometrix Ltd is believed to be accurate and reliable. Radiometrix Ltd reserves the
right to make changes or improvements in the design, specification or manufacture of its subassembly products without
notice. Radiometrix Ltd does not assume any liability arising from the application or use of any product or circuit
described herein, nor for any infringements of patents or other rights of third parties which may result from the use of
its products. This data sheet neither states nor implies warranty of any kind, including fitness for any particular
application. These radio devices may be subject to radio interference and may not function as intended if interference is
present. We do NOT recommend their use for life critical applications.
The Intrastat commodity code for all our modules is: 8542 6000
R&TTE Directive
After 7 April 2001 the manufacturer can only place finished product on the market under the provisions of the R&TTE
Directive. Equipment within the scope of the R&TTE Directive may demonstrate compliance to the essential
requirements specified in Article 3 of the Directive, as appropriate to the particular equipment.
Further details are available on The Office of Communications (Ofcom) web site:
http://www.ofcom.org.uk/radiocomms/ifi/
Information Requests
Ofcom
Riverside House
2a Southwark Bridge Road
London SE1 9HA
Tel: +44 (0)845 456 3000 or 020 7981 3040
Fax: +44 (0)20 7783 4033
information.requests@ofcom.org.uk
European Radiocommunications Office (ERO)
Peblingehus
Nansensgade 19
DK 1366 Copenhagen
Tel. +45 33896300
Fax +45 33896330
ero@ero.dk
www.ero.dk


Similar Part No. - TX1H-151.300-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TX1H-151.300-10 ETC2-TX1H-151.300-10 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
More results

Similar Description - TX1H-151.300-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX1H RADIOMETRIX-TX1H_14 Datasheet
196Kb / 11P
   VHF Narrow Band FM High Power TX
TX1M RADIOMETRIX-TX1M_14 Datasheet
632Kb / 12P
   VHF Narrow Band FM multi channel TX and RX
logo
List of Unclassifed Man...
EN300220-3 ETC2-EN300220-3 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
Radiometrix Ltd
BIM1 RADIOMETRIX-BIM1 Datasheet
286Kb / 15P
   VHF Narrow Band FM transceiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
BIM1H RADIOMETRIX-BIM1H Datasheet
243Kb / 11P
   VHF Narrow Band FM 500mW transceiver
NTX2 RADIOMETRIX-NTX2_14 Datasheet
434Kb / 1P
   UHF Narrow Band FM TX & RX
NTX2 RADIOMETRIX-NTX2 Datasheet
259Kb / 11P
   UHF Narrow Band FM TX & RX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com