Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX2H-434-64-3V Datasheet(PDF) 4 Page - Radiometrix Ltd

Part # TX2H-434-64-3V
Description  UHF High Power FM Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX2H-434-64-3V Datasheet(HTML) 4 Page - Radiometrix Ltd

  TX2H-434-64-3V Datasheet HTML 1Page - Radiometrix Ltd TX2H-434-64-3V Datasheet HTML 2Page - Radiometrix Ltd TX2H-434-64-3V Datasheet HTML 3Page - Radiometrix Ltd TX2H-434-64-3V Datasheet HTML 4Page - Radiometrix Ltd TX2H-434-64-3V Datasheet HTML 5Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
sales@radiometrix.com
TX2H – Data
Page - 4 -
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
A
B
C
helical
loop
whip
Ultimate performance
**
*
***
Easy of design set-up
**
*
***
Size
***
**
*
Immunity proximity effects
**
***
*
A) Helical
Wire coil, connected directly to pin 2, open circuit at other end. This
antenna
is
very
efficient given it's small size (20mm x 4mm dia.). The helical is a high Q antenna, trim the
wire length or expand the coil for optimum results. The helical de-tunes badly with
proximity to other conductive objects.
B) Loop
A loop of PCB track tuned by a fixed or variable capacitor to ground at the 'hot' end and
fed from pin 2 at a point 20% from the ground end. Loops have high immunity to
proximity de-tuning.
C) Whip
This is a wire, rod, PCB track or combination connected directly to pin 2 of the module.
Optimum total length is 15.5cm (1/4 wave @ 433MHz). Keep the open circuit (hot) end
well away from metal components to prevent serious de-tuning. Whips are ground plane
sensitive and will benefit from internal 1/4 wave earthed radial(s) if the product is small
and plastic cased
The antenna choice and position directly controls the system range. Keep it clear of other metal in the
system, particularly the 'hot' end. The best position by far, is sticking out the top of the product. This is
often not desirable for practical/ergonomic reasons thus a compromise may need to be reached. If an
internal antenna must be used try to keep it away from other metal components, particularly large ones
like transformers, batteries and PCB tracks/earth plane. The space around the antenna is as important
as the antenna itself.
Fig.8: Antenna


Similar Part No. - TX2H-434-64-3V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2H-434-64-3V RADIOMETRIX-TX2H-434-64-3V Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results

Similar Description - TX2H-434-64-3V

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
TX3H-869.50-10 RADIOMETRIX-TX3H-869.50-10 Datasheet
223Kb / 8P
   UHF Wide Band FM 450mW Transmitter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com