Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SILRX-433-10 Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # SILRX-433-10
Description  UHF Radio Telemetry Receiver Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SILRX-433-10 Datasheet(HTML) 5 Page - Radiometrix Ltd

  SILRX-433-10 Datasheet HTML 1Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 2Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 3Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 4Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 5Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 6Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 7Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 8Page - Radiometrix Ltd SILRX-433-10 Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Radiometrix Ltd, SILRX-UHF Data Sheet
page 5
Performance data SILRX-418-10 and SILRX-433-10
ambient temperature: 20°C
supply voltage:
+5V
test circuit:
fig. 2
Parameter
Min.
Typical
Max.
Units
Notes
Operating voltage range (Vcc)
pin 5
4.0
5.0
9.0
V
-
Supply current
pin 5
11
14
17
mA
-
Receive frequency
-
433.92
-
MHz
-
Overall frequency accuracy
- 100
0
+ 100
kHz
1
Sensitivity for 20 dB S/N
pin 1
-
1.0
2.0
µV
2
Carrier detect, threshold
pin 1
-
2.0
4.0
µV
-
RF input impedance
pin 1
-
50
-
-
IF bandwidth
-
250
-
kHz
3
AF output level
pin 6
-
500
-
mVpp
2, 3
AF bandwidth
pin 6
DC
-
20
kHz
3
Frequency/voltage conversion
pin 6
-
10
-
mV/kHz
-
Data output, Logic low
pin 7
0
0.2
0.8
V
4
Logic high
pin 7
4.0
4.5
5
V
5
Data bit duration
0.05
-
2
ms
6
Data Mark:Space
20 %
-
80 %
7
Data settling time
pin 7
-
-
5
ms
8
(minimum preamble duration)
Enable time
pin 3
-
-
1
ms
3, 9
Signal detect time
pin 3
-
-
0.3
ms
3, 10
Notes:
1.
over supply and temperature range
2.
±25 kHz deviation, 1 kHz tone
3.
3 µV input
4.
1mA sink
5.
1mA source
6.
time between transitions
7.
(time high / time low) * 100 %, averaged over any 20 ms period
8.
time from valid carrier detect to stable data output
9.
from application of supply to carrier detect low (active)
10.
from application of signal to carrier detect low (active)
Absolute maximum ratings:
Supply voltage Vcc, pin 5
- 0.3
to
+ 10
V
Operating temperature
- 10°C
to
+ 50°C
Storage temperature
- 40°C
to
+ 100°C
RF input, pin 1
0 dBm
Any input or output pin
- 0.3
to
Vcc V, ±10 mA


Similar Part No. - SILRX-433-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
SILRX-433-10 RADIOMETRIX-SILRX-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
More results

Similar Description - SILRX-433-10

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
TXM-433-10 RADIOMETRIX-TXM-433-10 Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
logo
rfsolutions.ltd
ZULU-T868 RFSOLUTIONS-ZULU-T868 Datasheet
72Kb / 1P
   Smart RADIO Telemetry Module
DS-ZULUT RFSOLUTIONS-DS-ZULUT Datasheet
3Mb / 17P
   Smart Radio Telemetry Module
200-433FR RFSOLUTIONS-200-433FR Datasheet
396Kb / 11P
   Modular Radio Telemetry System
logo
SparkFun Electronics
WRL-15007 SPARKFUN-WRL-15007 Datasheet
84Kb / 2P
   Pixhawk Radio Telemetry Kit
11-12-18
logo
Texas Instruments
TRF1400 TI-TRF1400 Datasheet
517Kb / 19P
[Old version datasheet]   RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
logo
List of Unclassifed Man...
MRX-005S ETC2-MRX-005S Datasheet
268Kb / 9P
   UHF AM RECEIVER MODULE
logo
rfsolutions.ltd
PRO-LORAT1-8S10 RFSOLUTIONS-PRO-LORAT1-8S10 Datasheet
3Mb / 8P
   Professional LoRa Telemetry Radio System
DS-BRAVO-E RFSOLUTIONS-DS-BRAVO-E Datasheet
1Mb / 12P
   SmartRadio Telemetry Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com