Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX2-433-40-B Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # RX2-433-40-B
Description  UHF FM Data Transmitter and Receiver Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

RX2-433-40-B Datasheet(HTML) 7 Page - Radiometrix Ltd

Back Button RX2-433-40-B Datasheet HTML 3Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 4Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 5Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 6Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 7Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 8Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 9Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 10Page - Radiometrix Ltd RX2-433-40-B Datasheet HTML 11Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Radiometrix Ltd., TX2 & RX2 Data Sheet
page 7
Module mounting considerations
The modules may be mounted horizontally or vertically on an area of ground plane preferably close to
the antenna to minimise feed length. The receiver and it’s antenna should be kept away from sources of
interference (micro’s, SMPS etc.). The modules may be potted if required in a viscous compound which
can not enter the screen can..
Warning: Do NOT wash the modules. They are not hermetically sealed.
Antenna requirements
Three types of integral antenna are recommended and approved for use with the module:
A. Helical antenna
B. Loop antenna
RF
C1
C2
C4
C3
RF-GND
C. Whip antenna
16.4cm
RF
0.5 mm enameled copper wire
close wound on 3.2 mm diameter former
433 MHz = 24 turns
Feed point 15% to 25% of total loop length
track width = 1mm
4 to 10 cm inside area
wire, rod, PCB-track or a combination
of these three
433 MHz = 16.4 cm total from RF pin.
2
RF
A
B
C
helical
loop
whip
Ultimate performance
**
*
***
Easy of design set-up
**
*
***
Size
***
**
*
Immunity proximity effects
**
***
*
Range open ground to similar antenna
(for TX2-433-14-5V & RX2-433-14-5V)
200m
100m
300m
Fig. 7: module mounting options
Fig.8: Antenna
Antenna selection chart


Similar Part No. - RX2-433-40-B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX2-433-40-5V RADIOMETRIX-RX2-433-40-5V Datasheet
336Kb / 11P
   UHF Radio Telemetry Transmit Module
More results

Similar Description - RX2-433-40-B

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX3A-869-64 RADIOMETRIX-TX3A-869-64 Datasheet
451Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com