Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM2-433-18-3V Datasheet(PDF) 5 Page - Radiometrix Ltd

Part # SPM2-433-18-3V
Description  UHF SpacePort Modem
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SPM2-433-18-3V Datasheet(HTML) 5 Page - Radiometrix Ltd

  SPM2-433-18-3V Datasheet HTML 1Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 2Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 3Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 4Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 5Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 6Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 7Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 8Page - Radiometrix Ltd SPM2-433-18-3V Datasheet HTML 9Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Radiometrix Ltd, SpacePort Modem
page 5
2 THE HOST INTERFACE
2.1 SIGNALS
The connection to the SPM is a full duplex serial interface supporting baud rates from 600bps to
115200bps. Additional control signals are provided to assist in flow control, configuration and power
saving in the SPM. Figure 3 shows an overview of the interface signals to the SPM.
Pin name
Pin
Pin Function
In/Out
Description
RF GND
1, 3
RF signal ground
BNC casing/coax braid connection
RF
2
RF signal
Input or Output
Antenna pin/coax core connection
RXSELCT
4
Receiver Select
Input
or Output
Manual RF Receiver Enable
or RF Receiver Active Indicator
TX SELECT
5
Transmitter Select
Input
or Output
Manual RF Transmitter Enable
or RF Transmitter Active Indicator
TXD/AF
7
Transmitted Data
or demodulated signal
Input
or Output
Transmitted Packetised Data to BiM2
Analogue Demodulated signal from BiM2
D3
8
SP2 Data line
NC
Internal data line between RPM and FRPC
D2
9
SP2 Data line
NC
Internal data line between RPM and FRPC
SIGNAL
10
Preamble Detect
Output
Valid preamble indicator
RST
11
FRPC reset
NC
Resets FRPC which also isolates BiM2
RXA
12
Receive Acknowledge
NC
Host to FRPC download request acknowledge
RXR
13
Receive Request
Output
Valid Data packet indicator
RESET
14
Reset
Input
Hardware reset of the SPM
SETUP
15
Enter Setup
Input
Enter SPM configurator after a reset
WAKE/DTR
16
Wake or Shutdown
Input
Wakes SPM when low, shuts down when high
TXD
17
Serial transmitted data
Input
Host (DTE) to SPM serial data
RXD
18
Serial Received data
Output
SPM to host (DTE) serial data
CTS
19
Flow control
Output
SPM to Host (DTE) flow control
DEFAULT
20
Force 9600bps
Input
Force the SPM serial interface to 9600bps
VCC
21
Vcc Supply
Input
+5VDC
GND
6, 22
Ground
-
Ground internally connected to RF GND
notes: 1. RXD/TXD lines are true data
2. The 4 input control lines are active low
3. Logic levels are 5V CMOS. See electrical specifications
4. Input control pins must be terminated, as pull-ups are not provided
5 Indicator outputs are active low which can be connected to LEDs
2.2 SPACEPORT RESET
RESET
The Reset signal may either be driven by the host (recommended) or pulled up to Vcc via a
suitable resistor (10k
Ω). A reset aborts any transfers in progress and restarts the SPM.
HOST DRIVEN RESET
Minimum low time: 1.0
µs, after reset is released (returned high). The host should allow a delay
1ms after reset for the SPM to initialise itself.
TX Select
Fast
Radio
Packet
Controller
(FRPC)
BiM2
UHF
Transceiver
SPACEPORT MODEM
RX Select
TXD
RXD
RESET
DEFAULT
SETUP
CTS/DSR
TXD
RXD
Radio
Packet
Modem
(RPM)
Host
µµµµcontroller
D0
D1
D2
D3
TXA
RXR
RXA
RST
TXR
SIGNAL
WAKE/DTR
Figure 3: Host to SPM connection


Similar Part No. - SPM2-433-18-3V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM2-433-18-3V ETC2-SPM2-433-18-3V Datasheet
378Kb / 15P
   UHF SpacePort Modem
More results

Similar Description - SPM2-433-18-3V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPM2-433 ETC2-SPM2-433 Datasheet
378Kb / 15P
   UHF SpacePort Modem
logo
Radiometrix Ltd
SP2-433-160 RADIOMETRIX-SP2-433-160 Datasheet
702Kb / 27P
   UHF SpacePort Transceiver
SPM RADIOMETRIX-SPM Datasheet
292Kb / 7P
   SpacePort Modem Evaluation Kit
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A Datasheet
445Kb / 15P
   UHF Radio Packet Modem
RPM2A RADIOMETRIX-RPM2A_12 Datasheet
705Kb / 15P
   UHF Radio Packet Modem
TDM2-433-9 RADIOMETRIX-TDM2-433-9 Datasheet
204Kb / 7P
   UHF Multi Channel Radio Modem
M48-434-NIM2 RADIOMETRIX-M48-434-NIM2 Datasheet
367Kb / 11P
   UHF NBFM RS232 radio modem
logo
List of Unclassifed Man...
TDH2 ETC2-TDH2 Datasheet
350Kb / 11P
   UHF Multi Channel Hi Power Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com