Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMX2-433-5 Datasheet(PDF) 7 Page - Radiometrix Ltd

Part # SMX2-433-5
Description  Small Multi-channel UHF Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

SMX2-433-5 Datasheet(HTML) 7 Page - Radiometrix Ltd

  SMX2-433-5 Datasheet HTML 1Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 2Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 3Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 4Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 5Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 6Page - Radiometrix Ltd SMX2-433-5 Datasheet HTML 7Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Radiometrix Ltd
Hartcran House
231 Kenton Lane
Harrow, Middlesex
HA3 8RP
ENGLAND
Tel: +44 (0) 20 8909 9595
Fax: +44 (0) 20 8909 2233
sales@radiometrix.com
www.radiometrix.com
Copyright notice
This product data sheet is the original work and copyrighted property of Radiometrix Ltd. Reproduction in wholeor
in part must give clear acknowledgement to the copyright owner.
Limitation of liability
The information furnished by Radiometrix Ltd is believed to be accurate and reliable. Radiometrix Ltd reserves the
right to make changes or improvements in the design, specification or manufacture of its subassembly products
without notice. Radiometrix Ltd does not assume any liability arising from the application or use of any product or
circuit described herein, nor for any infringements of patents or other rights of third parties which may result from
the use of its products. This data sheet neither states nor implies warranty of any kind, including fitness for any
particular application. These radio devices may be subject to radio interference and may not function as intended if
interference is present. We do NOT recommend their use for life critical applications.
The Intrastat commodity code for all our modules is: 8542 6000.
R&TTE Directive
After 7 April 2001 the manufacturer can only place finished product on the market under the provisions of the
R&TTE Directive. Equipment within the scope of the R&TTE Directive may demonstrate compliance to the
essential requirements specified in Article 3 of the Directive, as appropriate to the particular equipment.
Further details are available on The Office of Communications (Ofcom) web site:
http://www.ofcom.org.uk/radiocomms/ifi/
Information Requests
Ofcom
Riverside House
2a Southwark Bridge Road
London SE1 9HA
Tel: +44 (0)845 456 3000 or 020 7981 3040
Fax: +44 (0)20 7783 4033
information.requests@ofcom.org.uk
European Radiocommunications Office (ERO)
Peblingehus
Nansensgade 19
DK 1366 Copenhagen
Tel. +45 33896300
Fax +45 33896330
ero@ero.dk
www.ero.dk


Similar Part No. - SMX2-433-5

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
SMX2000RMLV2U SCHNEIDER-SMX2000RMLV2U Datasheet
99Kb / 4P
   APC Smart-UPS X 2000VA Rack/Tower LCD 100-127V
Sep 17, 2021
SMX2200RMLV2U SCHNEIDER-SMX2200RMLV2U Datasheet
99Kb / 4P
   APC Smart-UPS X 2200VA Rack/Tower LCD 100-127V
Sep 17, 2021
logo
Tripp Lite. All Rights ...
SMX2200XLRT2U TRIPPLITE-SMX2200XLRT2U Datasheet
504Kb / 5P
   SmartPro 230V 2.2kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMX2200XLRT2UN TRIPPLITE-SMX2200XLRT2UN Datasheet
181Kb / 6P
   SmartPro 230V 2200VA 1920W Line-Interactive Sine Wave UPS, 2U, Extended Run, WEBCARDLX, LCD, USB, DB9
More results

Similar Description - SMX2-433-5

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
USX2 RADIOMETRIX-USX2 Datasheet
362Kb / 9P
   NBFM Multi-channel UHF Transceiver
USX2-433-5 RADIOMETRIX-USX2-433-5 Datasheet
216Kb / 7P
   NBFM Multi-channel UHF Transceiver
SFX2 RADIOMETRIX-SFX2 Datasheet
139Kb / 6P
   500mW NBFM Multi-channel UHF Transceiver
BHX2 RADIOMETRIX-BHX2_12 Datasheet
470Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
BHX2 RADIOMETRIX-BHX2 Datasheet
254Kb / 9P
   NBFM Multi-channel 500mW UHF Transceiver
logo
List of Unclassifed Man...
SMX1-173-5 ETC2-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
logo
Radiometrix Ltd
SMX1-173-5 RADIOMETRIX-SMX1-173-5 Datasheet
236Kb / 8P
   Small Multi-channel VHF Transceiver
logo
ON Semiconductor
AX5042 ONSEMI-AX5042 Datasheet
855Kb / 42P
   Advanced multi-channel single chip UHF transceiver
Revision 3
logo
Radiometrix Ltd
RDL2 RADIOMETRIX-RDL2 Datasheet
235Kb / 7P
   UHF Multi Channel Wide Band FM Transceiver
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
   Narrow Band FM Multi-channel UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com