Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX3B-868.30-64 Datasheet(PDF) 1 Page - Radiometrix Ltd

Part # TX3B-868.30-64
Description  869MHz Wide Band FM Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX3B-868.30-64 Datasheet(HTML) 1 Page - Radiometrix Ltd

  TX3B-868.30-64 Datasheet HTML 1Page - Radiometrix Ltd TX3B-868.30-64 Datasheet HTML 2Page - Radiometrix Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
sales@radiometrix.com
TX3B - Short Technical Overview
www.radiometrix.com
Features
!
Complies with European harmonised standards EN 300 220 and EN 301 489
!
869.85MHz 5mW 100% duty cycle or 868.30MHz 8mW 1% duty cycle
!
RF power output
+9dBm (8mW) on 868.30MHz
+7dBm (5mW) on 869.85MHz
!
Data rates up to 64kbps
!
Crystal controlled PLL FM transmit circuitry
!
·Supply: 2.9V - 16V @ 14mA (8mW)
!
32 x 12.5 x 3.8mm
Available for operation in the 868-870MHz band in Europe, it combine full screening with internal
filtering to ensure EMC compliance by minimising spurious radiation and susceptibility. The TX3B and
matching RX3A will suit one-to-one and multi-node wireless links in such applications as car and
building security, EPOS and inventory tracking, remote industrial process monitoring and data
networks. Because of their small size and low power requirements, both modules are ideal for use in
portable, battery-powered applications such as hand-held terminals.
Applications
!
Tracing and asset tracking systems
!
Handheld terminals
!
Meter reading systems
!
Industrial telemetry and telecommand
!
Data loggers
!
In-building environmental monitoring and control
!
Security and fire alarms
!
Vehicle data up/download
The TX3B radio transmitter module is
an enhanced high power replacement
for the European version TX3A-869-64
transmitter
Two frequency variants are available
in the European unlicensed band, one
with 5mW RF power with no duty cycle
restriction other with 8mW RF power
with 1% duty cycle restriction.
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
23 April 2007
TX3B-xxx.xx-64
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
869MHz Wide Band FM Transmitter
869MHz Wide Band FM Transmitter
869MHz Wide Band FM Transmitter
869MHz Wide Band FM Transmitter
Figure 1: TX3B-869.85-64 transmitter


Similar Part No. - TX3B-868.30-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX3B-869-64 RADIOMETRIX-TX3B-869-64 Datasheet
453Kb / 2P
   869MHz Wide Band FM Transmitter
More results

Similar Description - TX3B-868.30-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX3B-869-64 RADIOMETRIX-TX3B-869-64 Datasheet
453Kb / 2P
   869MHz Wide Band FM Transmitter
SAT3 RADIOMETRIX-SAT3 Datasheet
284Kb / 5P
   869MHz Narrow Band FM Transmitter
BIM3B RADIOMETRIX-BIM3B Datasheet
773Kb / 11P
   869MHz Wide Band FM radio transceiver
TX3H-869.50-10 RADIOMETRIX-TX3H-869.50-10 Datasheet
223Kb / 8P
   UHF Wide Band FM 450mW Transmitter
logo
List of Unclassifed Man...
RTC6705 ETC2-RTC6705 Datasheet
391Kb / 12P
   CMOS 5.8GHz Band FM Transmitter
SEP 2007
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
   WIDE BAND FM IF DEMODULATOR
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1 Datasheet
227Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
List of Unclassifed Man...
WP-MKT4 ETC-WP-MKT4 Datasheet
117Kb / 4P
   FM Narrow Band VHF Transmitter Module
logo
Radiometrix Ltd
HX1 RADIOMETRIX-HX1_14 Datasheet
529Kb / 9P
   VHF Narrow Band FM 300mW Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com