Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX3A-869-64 Datasheet(PDF) 10 Page - Radiometrix Ltd

Part # TX3A-869-64
Description  UHF FM Data Transmitter and Receiver Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RADIOMETRIX [Radiometrix Ltd]
Direct Link  http://www.radiometrix.com
Logo RADIOMETRIX - Radiometrix Ltd

TX3A-869-64 Datasheet(HTML) 10 Page - Radiometrix Ltd

Back Button TX3A-869-64 Datasheet HTML 6Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 7Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 8Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 9Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 10Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 11Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 12Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 13Page - Radiometrix Ltd TX3A-869-64 Datasheet HTML 14Page - Radiometrix Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Radiometrix Ltd, TX3A & RX3A Data Sheet
page 10
Depending on the application and bearing in mind applicable legal requirements (see p.11), a
variety of antenna types may be used with the TX3A and RX3A.
Integral antennas generally do not perform as well as externally mounted types, however
they result in physically compact equipment and are the preferred choice for portable
applications. The following can be recommended:
Whip (¼-wave). This consists simply of a piece of wire or rod connected to the module at one
end. The lengths given below are from module pin to antenna tip including any
interconnecting wire or tracking. This antenna is quite simple and performs well, especially if
used in conjunction with a ground plane. This will often be provided by the PCB on which the
module is mounted, or by a metal case.
Base-loaded whip. This is a shortened whip, tuned by means of a coil inserted at the base.
This coil may be air-wound for maximum efficiency, or a small SMT inductor can be used if
space is at a premium. The value must be carefully chosen to tune the particular length of
whip in use, making this antenna more difficult to set up than a ¼-wave whip.
Helical. This is a compact but slightly less effective antenna formed from a coil of wire. It is
very efficient for its size, but has high Q and tends to suffer badly from detuning caused by
proximity to nearby conductive objects. It needs to be carefully trimmed for best performance
in a given situation and the required dimensional tolerances can be difficult to achieve
repeatably, nevertheless it can provide a very compact solution.
Loop. A loop of PCB track, tuned and matched with 2 capacitors. Loops are relatively
inefficient but have good immunity to proximity detuning, so may be preferred in shorter
range applications where very high component packing density is necessary.
1/4-wave whip
RF
Loop
L
RF
Base-loaded whip
Helical
RF
RF-GND
RF
C
tune
C
match
trim wire length, number of turns
and turns spacing for best results
wire spring, dia 3mm approx.
wire, rod, PCB track
or a combination of these
L (mm) = 71250 / freq(MHz)
shortened wire, rod, PCB track etc.
with loading coil.
SMT inductor may be used if reqd.
capacitors 0.5-5pF variable or fixed
(values depend on loop dimensions)
track width = 1mm
area 100 - 400 mm
2
Fig.8: Integral antenna configurations


Similar Part No. - TX3A-869-64

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX3-801B QUARTZCOM-TX3-801B Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BL QUARTZCOM-TX3-801BL Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BM QUARTZCOM-TX3-801BM Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801BS QUARTZCOM-TX3-801BS Datasheet
129Kb / 1P
   SMD TCXO Clipped sine wave Tight frequency stability vs. temperature
TX3-801H QUARTZCOM-TX3-801H Datasheet
112Kb / 1P
   SMD TCXO HCMOS Output frequency up to 50 MHz
More results

Similar Description - TX3A-869-64

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TX2A-433-64 RADIOMETRIX-TX2A-433-64 Datasheet
269Kb / 11P
   UHF FM Data Transmitter and Receiver Modules
TX2-433-40-5V RADIOMETRIX-TX2-433-40-5V Datasheet
753Kb / 15P
   UHF FM Data Transmitter and Receiver Modules
TX2A RADIOMETRIX-TX2A Datasheet
207Kb / 10P
   UHF FM Data Transmitter and Receiver Modules
logo
rfsolutions.ltd
FM-RTFQ RFSOLUTIONS-FM-RTFQ Datasheet
422Kb / 6P
   FM TRANSMITTER & RECEIVER HYBRID MODULES
DS305-9 RFSOLUTIONS-DS305-9 Datasheet
122Kb / 8P
   FM Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
T5-434 RFSOLUTIONS-T5-434 Datasheet
116Kb / 8P
   FM Radio Transmitter & Receiver Modules
logo
Radiometrix Ltd
TX2S RADIOMETRIX-TX2S Datasheet
242Kb / 7P
   UHF FM Data Transmitter Module
NTX2B RADIOMETRIX-NTX2B Datasheet
163Kb / 13P
   UHF Narrow Band FM Transmitter & Receiver
logo
rfsolutions.ltd
FM-TX2-XXX RFSOLUTIONS-FM-TX2-XXX Datasheet
341Kb / 9P
   FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com